Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5658A1 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS5658A1
Description  Hi-Pot Tester
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS5658A1 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS5658A1 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS5658A1 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• 0 to 15 kV Adjustable Hi-Pot Voltage Output
• Digital Voltage And Current Readouts
• Convenient 19” Rack Mount Chassis
• Adjustable Current Limit Point
• Audible Alarm
• Fault Contacts for Remote Indication of
Hi-Pot Failures
RATINGS & CHARACTERISTICS
INPUT VOLTAGE:
120V, 60Hz ± 10%
OUTPUT VOLTAGE:
0 – 15 kV DC, Continuously Adjustable
OUTPUT SIGNAL:
Fault Contacts (Cold) Available at Rear Panel of Unit
METERING:
Kilovolt Meter
Milliamp Meter
0 – 20 kV DC
0 – 5 mA DC
SAFETY FEATURES:
Input fuse
Warning lights
Output high-speed electronic cutout
Adjustable 0.1 - 5.0 mA
Two sensitivity Ranges: 0.05 - 1.0mA, 0.5 -5.0mA
Audible alarm
Rapid bleed-down (<2 sec) on cycling high voltage off
INDICATOR LIGHTS:
Power
HV – ON
HV – OFF
Fault
CONTROLS:
Input power ON – OFF
Switch test voltage adjustment
High voltage on
High voltage off
Leakage current trip level
Trip range switch
Remote HV On/Off: 24 VDC provided by user
HIGH VOLTAGE OUTPUT TERMINATION:
30 kV Alden Connector, Style A; Ground - binding post
CABINET:
Standard E.I.A. 19” rack mount chassis, enclosed
Rev 6, 10/04
CS5658A1
Hi-Pot Tester


Similar Part No. - CS5658A1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 3/9/99
CS5651GDW16 CHERRY-CS5651GDW16 Datasheet
166Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 3/9/99
CS5651GDWR16 CHERRY-CS5651GDWR16 Datasheet
166Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 3/9/99
CS5651GN16 CHERRY-CS5651GN16 Datasheet
166Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 3/9/99
More results

Similar Description - CS5658A1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
BT100 EXTECH-BT100_15 Datasheet
135Kb / 1P
Battery Capacity Tester
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Good Will Instrument Co...
GUT-6000B GWINSTEK-GUT-6000B Datasheet
680Kb / 1P
Digital IC Tester
logo
SANYO DENKI CO., LTD.
9AT2560A-0001CS SANYODENKI-9AT2560A-0001CS Datasheet
1Mb / 4P
Airflow Tester
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
Voltage Continuity Tester
logo
Good Will Instrument Co...
GLC-9000 GWINSTEK-GLC-9000 Datasheet
776Kb / 2P
LEAKAGE CURRENT TESTER
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com