Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS00D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS00D
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS00D Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS00D Datasheet HTML 1Page - Texas Instruments SN74LS00D Datasheet HTML 2Page - Texas Instruments SN74LS00D Datasheet HTML 3Page - Texas Instruments SN74LS00D Datasheet HTML 4Page - Texas Instruments SN74LS00D Datasheet HTML 5Page - Texas Instruments SN74LS00D Datasheet HTML 6Page - Texas Instruments SN74LS00D Datasheet HTML 7Page - Texas Instruments SN74LS00D Datasheet HTML 8Page - Texas Instruments SN74LS00D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
QUADRUPLE 2INPUT POSITIVENAND GATES
SDLS025B − DECEMBER 1983 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN5400
SN7400
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
A or B
Y
RL = 400 Ω,
CL = 15 pF
11
22
ns
tPHL
A or B
Y
RL = 400 Ω,
CL = 15 pF
7
15
ns
recommended operating conditions (see Note 4)
SN54LS00
SN74LS00
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−0.4
−0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS00
SN74LS00
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.5
−1.5
V
VOH
VCC = MIN,
VIL = MAX,
IOH = −0.4 mA
2.5
3.4
2.7
3.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = 8mA
0.35
0.5
V
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
−0.4
−0.4
mA
IOS§
VCC = MAX
−20
−100
−20
−100
mA
ICCH
VCC = MAX,
VI = 0 V
0.8
1.6
0.8
1.6
mA
ICCL
VCC = MAX,
VI = 4.5 V
2.4
4.4
2.4
4.4
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN54LS00
SN74LS00
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
A or B
Y
RL = 2 kΩ,
CL = 15 pF
9
15
ns
tPHL
A or B
Y
RL = 2 kΩ,
CL = 15 pF
10
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com