Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2050D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX2050D
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2050D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX2050D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2050D Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MPX2050
Sensors
Freescale Semiconductor
5
Pressure
On-Chip Temperature Compensation and Calibration
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPX2050 series at 25
°C. The output is
directly proportional to the differential pressure and is
essentially a straight line.
The effects of temperature on Full-Scale Span and Offset
are very small and are shown under Operating
Characteristics.
Figure 3. Output versus Pressure Differential
Figure 4. Cross-Sectional Diagram (not to scale)
Figure 4 illustrates the differential or gauge configuration
in the basic chip carrier (Case 344). A silicone gel isolates the
die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPX2050 series pressure sensor operating
characteristics and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media
other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application.
kPa
PSI
40
35
30
25
15
10
5
0
-5
0
12.5
1.8
25
3.6
37.5
5.4
50
7.25
Offset
(Typ)
20
MAX
TYP
MIN
VS = 10 Vdc
TA = 25°C
MPX2050
P1 > P2
Span
Range
(Typ)
Silicone
Die Coat
Wire Bond
Lead Frame
Die
Stainless Steel
Metal Cover
Epoxy
Case
RTV Die
Bond
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com