Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2102AT1
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102AT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2102AT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102AT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPX2102
Rev 7, 10/2008
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005-2008. All rights reserved.
Pressure
+
100 kPa On-Chip Temperature
Compensated Silicon
Pressure Sensors
The MPX2102 series devices are silicon piezoresistive pressure sensors
providing a highly accurate and linear voltage output directly proportional to the
applied pressure. The sensor is a single, monolithic silicon diaphragm with the
strain gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
• Temperature Compensated Over 0
°C to +85°C
• Easy-to-Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Configurations
• Absolute, Differential and Gauge Options
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX2102 Series)
MPX2102A
Tray
344
MPX2102A
MPX2102DP
Tray
344C
MPX2102DP
MPX2102AP
Tray
344B
MPX2102AP
MPX2102GP
Tray
344B
MPX2102GP
MPX2102ASX
Tray
344F
MPX2102A
MPX2102GVP
Tray
344D
MPX2102GVP
Small Outline Package (MPXV2102G Series)
MPXV2102GP
Tray
1369
MPXV2102GP
MPAK Package (MPXM2102 Series)
MPXM2102A
Rail
1320
MPXM2102A
MPXM2102AT1
Tape and Reel
1320
MPXM2102A
MPXM2102GS
Rail
1320A
MPXM2102GS
MPXM2102GST1
Tape and Reel
1320A
MPXM2102GS
MPXM2102AS
Rail
1320A
MPXM2102AS
MPXM2102AST1
Tape and Reel
1320A
MPXM2102AS
MPX2102
0 to 100 kPa (0 to 14.5 psi)
40 mV Full Scale
(Typical)
Series
Application Examples
• Pump/Motor Control
• Robotics
• Level Detectors
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters


Similar Part No. - MPXM2102AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102AT1 MOTOROLA-MPXM2102AT1 Datasheet
6Mb / 670P
Sensor
MPXM2102AT1 MOTOROLA-MPXM2102AT1 Datasheet
98Kb / 8P
100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2102AT1 FREESCALE-MPXM2102AT1 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102AT1 FREESCALE-MPXM2102AT1 Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102AT1 FREESCALE-MPXM2102AT1 Datasheet
302Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2102AT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_08 Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_10 Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_12 Datasheet
302Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_12 Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2202 NXP-MPX2202 Datasheet
412Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 8, 10/2012
MPX2102 NXP-MPX2102 Datasheet
363Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 9, 01/2012
MPX2200 NXP-MPX2200 Datasheet
154Kb / 8P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 13, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com