Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C20F Datasheet(PDF) 91 Page - Altera Corporation

Part # EP1C20F
Description  Cyclone FPGA Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP1C20F Datasheet HTML 87Page - Altera Corporation EP1C20F Datasheet HTML 88Page - Altera Corporation EP1C20F Datasheet HTML 89Page - Altera Corporation EP1C20F Datasheet HTML 90Page - Altera Corporation EP1C20F Datasheet HTML 91Page - Altera Corporation EP1C20F Datasheet HTML 92Page - Altera Corporation EP1C20F Datasheet HTML 93Page - Altera Corporation EP1C20F Datasheet HTML 94Page - Altera Corporation EP1C20F Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
Altera Corporation
4–21
May 2008
Preliminary
Timing Model
External I/O Delay Parameters
External I/O delay timing parameters for I/O standard input and output
adders and programmable input and output delays are specified by
speed grade independent of device density.
Tables 4–40 through 4–45 show the adder delays associated with column
and row I/O pins for all packages. If an I/O standard is selected other
than LVTTL 4 mA with a fast slew rate, add the selected delay to the
external tCO and tSU I/O parameters shown in Tables 4–25 through
4–28.
Table 4–39. EP1C20 Row Pin Global Clock External I/O Timing Parameters
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.417
—
2.779
—
3.140
—
ns
tINH
0.000
—
0.000
—
0.000
—
ns
tOUTCO
2.000
3.724
2.000
4.282
2.000
4.843
ns
tXZ
—
3.645
—
4.191
—
4.740
ns
tZX
—
3.645
—
4.191
—
4.740
ns
tINSUPLL
1.417
—
1.629
—
1.840
—
ns
tINHPLL
0.000
—
0.000
—
0.000
—
ns
tOUTCOPL L
0.500
1.667
0.500
1.917
0.500
2.169
ns
tXZPL L
—
1.588
—
1.826
—
2.066
ns
tZXPL L
—
1.588
—
1.826
—
2.066
ns
Table 4–40. Cyclone I/O Standard Column Pin Input Delay Adders (Part 1 of 2)
I/O Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
LVCMOS
—0
—0
—0
ps
3.3-V LVTTL
—
0
—
0
—
0
ps
2.5-V LVTTL
—
27
—
31
—
35
ps
1.8-V LVTTL
—
182
—
209
—
236
ps
1.5-V LVTTL
—
278
—
319
—
361
ps
SSTL-3 class I
—
–250
—
–288
—
–325
ps
SSTL-3 class II
—
–250
—
–288
—
–325
ps
SSTL-2 class I
—
–278
—
–320
—
–362
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com