Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP2C35
Description  Cyclone Series Device Thermal Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35 Datasheet(HTML) 6 Page - Altera Corporation

  EP2C35 Datasheet HTML 1Page - Altera Corporation EP2C35 Datasheet HTML 2Page - Altera Corporation EP2C35 Datasheet HTML 3Page - Altera Corporation EP2C35 Datasheet HTML 4Page - Altera Corporation EP2C35 Datasheet HTML 5Page - Altera Corporation EP2C35 Datasheet HTML 6Page - Altera Corporation EP2C35 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
DS-CYTHRML-3.0
Altera Corporation
Altera Device Package Information Data Sheet
Table 6 provides
θJA and θJB (junction-to-board thermal resistance) values
for Cyclone II devices on a typical board.
Cyclone
Devices
Table 7 provides
θJA (junction-to-ambient thermal resistance) and θJC
(junction-to-case thermal resistance) values for Cyclone devices.
Table 6. Thermal Resistance of Cyclone II Devices
Device
Package
θJA (° C/W)
Still Air
θJA (° C/W)
100 ft./min.
θJA (° C/W)
200 ft./min.
θJA (° C/W)
400 ft./min.
θJB (°C/W)
EP2C5
F256
30.2
25.8
22.9
20.6
14.8
EP2C8
F256
27.9
23.2
20.5
18.4
12.3
EP2C20
F256
24.7
20.1
17.5
15.3
9.1
F484
20.5
16.2
13.9
12.2
7.2
EP2C35
F484
18.8
14.5
12.3
10.6
5.7
U484
20.0
15.5
13.2
11.3
5.3
EP2C50
F484
17.7
13.5
11.4
9.8
4.5
U484
19.0
14.6
12.3
10.6
4.4
EP2C35
F672
17.4
13.3
11.3
9.8
5.5
EP2C50
F672
16.5
12.4
10.5
9.0
4.6
F672
15.7
11.7
9.8
8.3
3.8
EP2C70
F896
14.6
10.7
8.9
7.6
3.7
Table 7. Thermal Resistance of Cyclone Devices (Part 1 of 2)
Device
Pin Count
Package
θJC (°C/W) θJA
(°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
EP1C3
100
TQFP
11.0
37.5
35.4
33.4
29.8
144
TQFP
10.0
31.1
29.4
27.9
25.5
EP1C6
144
TQFP
9.8
29.4
28.0
26.7
24.7
240
PQFP
4.3
27.2
24.7
22.1
17.8
256
FBGA
8.8
28.7
24.5
22.3
20.5
EP1C12
240
PQFP
4.0
26.0
23.4
20.8
17.1
256
FBGA
6.6
24.3
20.2
18.1
16.4
324
FBGA
6.1
23.0
19.8
17.7
16.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com