Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC16 Datasheet(PDF) 28 Page - Altera Corporation

Part # EPC16
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC16 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EPC16 Datasheet HTML 24Page - Altera Corporation EPC16 Datasheet HTML 25Page - Altera Corporation EPC16 Datasheet HTML 26Page - Altera Corporation EPC16 Datasheet HTML 27Page - Altera Corporation EPC16 Datasheet HTML 28Page - Altera Corporation EPC16 Datasheet HTML 29Page - Altera Corporation EPC16 Datasheet HTML 30Page - Altera Corporation EPC16 Datasheet HTML 31Page - Altera Corporation EPC16 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Testing
The EPC2 provides JTAG BST circuitry that complies with the IEEE Std.
1149.1-1990 specification. JTAG boundary-scan testing can be performed
before or after configuration, but not during configuration. The EPC2
device supports the JTAG instructions shown in Table 10.
The ISP circuitry in EPC2, EPC4, EPC8, and EPC16 devices is compatible
with tools that support the IEEE Std. 1532. The IEEE Std. 1532 is a standard
developed to allow concurrent ISP between multiple PLD vendors.
f For EPC4, EPC8, and EPC16 JTAG instruction, refer to the Enhanced
Configuration Devices (EPC4, EPC8, & EPC16) Data Sheet.
f For more information, see Application Note 39 (IEEE 1149.1 (JTAG)
Boundary-Scan Testing in Altera Devices).
Figure 10 shows the timing requirements for the JTAG signals.
Table 10. EPC2 JTAG Instructions
JTAG Instruction
Description
SAMPLE/PRELOAD
Allows a snapshot of a signal at the device pins to be captured and examined during
normal device operation, and permits an initial data pattern output at the device pins.
EXTEST
Allows the external circuitry and board-level interconnections to be tested by forcing a
test pattern at the output pins and capturing results at the input pins.
BYPASS
Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST
data to pass synchronously through a selected device to adjacent devices during
normal device operation.
IDCODE
Selects the device IDCODE register and places it between TDI and TDO, allowing the
device IDCODE to be serially shifted out of TDO. The device IDCODE for the EPC2
configuration device is shown below:
0000 0001000000000010 00001101110 1
USERCODE
Selects the USERCODE register and places it between TDI and TDO, allowing the
USERCODE to be serially shifted out of TDO. The 32-bit USERCODE is a
programmable user-defined pattern.
ISP Instructions
These instructions are used when programming an EPC2 device via JTAG ports with
a MasterBlaster, ByteBlaster MV, ByteBlaster, or BitBlaster download cable, or using
a Jam STAPL File (.jam), Jam STAPL Byte-Code File (.jbc), or SVF File via an
embedded processor.
INIT_CONF
This function allows the user to initiate the APEX or FLEX configuration process by
tying nINIT_CONF to the APEX or FLEX device(s) nCONFIG pin(s). After this
instruction is updated, the nINIT_CONF pin is driven low. When the Initiate
Configuration instruction is cleared, nINIT_CONF is released, which starts the APEX
or FLEX device configuration. This instruction is used by the MAX+PLUS II software,
Jam STAPL Files, and JBC Files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com