Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC4 Datasheet(PDF) 26 Page - Altera Corporation

Part # EPC4
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 26 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation EPC4 Datasheet HTML 24Page - Altera Corporation EPC4 Datasheet HTML 25Page - Altera Corporation EPC4 Datasheet HTML 26Page - Altera Corporation EPC4 Datasheet HTML 27Page - Altera Corporation EPC4 Datasheet HTML 28Page - Altera Corporation EPC4 Datasheet HTML 29Page - Altera Corporation EPC4 Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
At 3.3-V operation, all EPC2 inputs are 5.0-V tolerant, except DATA, DCLK,
and nCASC. The DATA, DCLK, and nCEO pins are used only to interface
between the EPC2 configuration device and the APEX II, APEX 20K,
Mercury, ACEX 1K, or FLEX 10K device it is configuring. The voltage
tolerances of all EPC2 pins at 5.0 V and 3.3 V are listed in Table 9.
f For more information on APEX II, APEX 20K, Mercury, ACEX 1K,
FLEX 10K, or FLEX 6000 devices, see the following documents:
■
ACEX 1K Programmable Logic Device Family Data Sheet
■
APEX 20K Programmable Logic Device Family Data Sheet
■
APEX II Programmable Logic Device Family Data Sheet
■
FLEX 10K Embedded Programmable Logic Family Data Sheet
■
FLEX 10KE Embedded Programmable Logic Family Data Sheet
■
FLEX 8000 Programmable Logic Device Family Data Sheet
■
FLEX 6000 Programmable Logic Device Family Data Sheet
■
Mercury Programmable Logic Device Family Data Sheet
Table 9. EPC2 Input & Bidirectional Pin Voltage Tolerance
Pin
5.0-V Operation
3.3-V Operation
5.0-V
Tolerant
3.3-V
Tolerant
5.0-V
Tolerant
3.3-V
Tolerant
DATA
vv
v
DCLK
vv
v
nCASC
vv
v
OE
vv
v
v
nCS
vv
v
v
VCCSEL
vv
v
v
VPPSEL
vv
v
v
nINIT_CONF
vv
v
v
TDI
vv
v
v
TMS
vv
v
v
TCK
vv
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com