Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E14-3.5-5-R Datasheet(PDF) 4 Page - FERYSTER Inductive Components Manufacturer

Part # E14-3.5-5-R
Description  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

E14-3.5-5-R Datasheet(HTML) 4 Page - FERYSTER Inductive Components Manufacturer

  E14-3.5-5-R Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2004 Sep 01
4
Ferroxcube
Planar E cores and accessories
E14/3.5/5/R
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
f= 500 kHz;
=50mT;
T = 100
°C
E14/R+PLT14/S-3C90
≥320
≤ 0.026
−−
E14/R+PLT14/S-3C92
≥370
≤ 0.021
≤ 0.15
−−
E14/R+PLT14/S-3C93
≥320
≤ 0.021(1)
1.
Measured at 140
°C.
≤ 0.15(1)
−−
E14/R+PLT14/S-3C94
≥320
≤ 0.021
≤ 0.15
−−
E14/R+PLT14/S-3C96
≥340
≤ 0.016
≤ 0.12
≤ 0.045
≤ 0.09
E14/R+PLT14/S-3F3
≥300
≤ 0.027
−≤ 0.047
E14/R+PLT14/S-3F35
≥300
−−
≤ 0.024
≤ 0.035
E14/R+PLT14/S-3F4
≥250
−−
E14/R+PLT14/S-3F45
≥250
−−
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 500 kHz;
=100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T=100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
E14/R+PLT14/S-3C90
≥320
−−
−−
E14/R+PLT14/S-3C92
≥370
−−
−−
E14/R+PLT14/S-3C93
≥320
−−
−−
E14/R+PLT14/S-3C94
≥320
−−
−−
E14/R+PLT14/S-3C96
≥340
−−
−−
E14/R+PLT14/S-3F3
≥300
−−
−−
E14/R+PLT14/S-3F35
≥300
≤ 0.027
−−
E14/R+PLT14/S-3F4
≥250
−≤ 0.07
−≤ 0.11
E14/R+PLT14/S-3F45
≥250
−≤ 0.05
≤ 0.12
≤ 0.085
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com