Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC220 Datasheet(PDF) 35 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 35 Page - Altera Corporation

Back Button HC220 Datasheet HTML 31Page - Altera Corporation HC220 Datasheet HTML 32Page - Altera Corporation HC220 Datasheet HTML 33Page - Altera Corporation HC220 Datasheet HTML 34Page - Altera Corporation HC220 Datasheet HTML 35Page - Altera Corporation HC220 Datasheet HTML 36Page - Altera Corporation HC220 Datasheet HTML 37Page - Altera Corporation HC220 Datasheet HTML 38Page - Altera Corporation HC220 Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 228 page
background image
Altera Corporation
2–27
September 2008
Preliminary
Power-Up Modes
Power-Up
Modes
The functionality of structured ASICs is determined before they are
produced. Therefore, they do not require programmability. HardCopy II
structured ASICs follow the same principle, enabling traditional
ASIC-like power up. Although prototyping FPGAs require configuration
upon power up, the HardCopy II structured ASICs do not need to be
configured. HardCopy II devices do not support configuration and
designers should take this into account in the prototyping-to-production
development process. The HardCopy II device does not require a
configuration device, but you must ensure that the
nCE pin is low and
that the
nCONFIG and nSTATUS pins are high after power up.
1
HardCopy II devices do not support FPGA configuration
emulation and other configuration modes, including remote
system upgrades and design security using configuration
bitstream encryption.
HardCopy II devices support both instant on and instant on after 50 ms
power-up modes. In the instant on power-up mode, the HardCopy II
device is available for use shortly after the device powers up to a safe
operating voltage. The on-chip power-on reset (POR) circuit will reset all
registers. The
nCE, nCONFIG, and nSTATUS signals must be at the
appropriate logic levels for the
CONF_DONE output to be tristated once the
POR has elapsed. This option is similar to an ASIC’s functionality upon
power up and is the most likely scenario in production.
In the instant on after 50 ms power-up mode, the HardCopy II device
behaves similarly to the instant on mode, except that there is an
additional delay of 50 ms, during which time the device will be held in
reset. The
CONF_DONE output is pulled low during this time, and then
tri-stated after the 50 ms have elapsed.
f
For more information about which power-up modes HardCopy II
devices support, refer to the Power-Up Modes and Configuration Emulation
in HardCopy Series Devices chapter in the HardCopy Series Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com