Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC331 Datasheet(PDF) 26 Page - Altera Corporation

Part # HC331
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC331 Datasheet(HTML) 26 Page - Altera Corporation

Back Button HC331 Datasheet HTML 18Page - Altera Corporation HC331 Datasheet HTML 19Page - Altera Corporation HC331 Datasheet HTML 20Page - Altera Corporation HC331 Datasheet HTML 21Page - Altera Corporation HC331 Datasheet HTML 22Page - Altera Corporation HC331 Datasheet HTML 23Page - Altera Corporation HC331 Datasheet HTML 24Page - Altera Corporation HC331 Datasheet HTML 25Page - Altera Corporation HC331 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
1–24
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Referenced Documents
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
Referenced Documents
This chapter references the following documents:
Power Play Early Power Estimator User Guide
PowerPlay Power Analysis chapter in volume 3 of the Quartus II Device Handbook
Document Revision History
Table 1–34 shows the revision history for this document.
V
V
CM(DC)
DC common mode input voltage.
V
ICM
Input common mode voltage: The common mode of the differential signal at the receiver.
V
ID
Input differential voltage swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the receiver.
V
DIF(AC)
AC differential input voltage: Minimum AC input differential voltage required for switching.
V
DIF(DC)
DC differential input voltage: Minimum DC input differential voltage required for switching.
V
IH
Voltage input high: The minimum positive voltage applied to the input that will be accepted by
the device as a logic high.
V
IH(AC)
High-level AC input voltage
V
IH(DC)
High-level DC input voltage
V
IL
Voltage input low: The maximum positive voltage applied to the input that will be accepted by
the device as a logic low.
V
IL(AC)
Low-level AC input voltage
V
IL(DC)
Low-level DC input voltage
V
OCM
Output common mode voltage: The common mode of the differential signal at the
transmitter.
V
OD
Output differential voltage swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the transmitter.
W
W
HIGH-SPEED I/O BLOCK: Clock boost factor
X
——
Y
——
Z
——
Table 1–33. Glossary Table
Letter
Subject
Definitions
Table 1–34. Document Revision History
Date and Document Version
Changes Made
Summary of Changes
December 2008, v2.0
Updated Table 1–3.
Updated Table 1–19.
Updated Table 1–23.
Made minor editorial changes.
May 2008, v1.0
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com