Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC352 Datasheet(PDF) 12 Page - Altera Corporation

Part # HC352
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC352 Datasheet(HTML) 12 Page - Altera Corporation

Back Button HC352 Datasheet HTML 8Page - Altera Corporation HC352 Datasheet HTML 9Page - Altera Corporation HC352 Datasheet HTML 10Page - Altera Corporation HC352 Datasheet HTML 11Page - Altera Corporation HC352 Datasheet HTML 12Page - Altera Corporation HC352 Datasheet HTML 13Page - Altera Corporation HC352 Datasheet HTML 14Page - Altera Corporation HC352 Datasheet HTML 15Page - Altera Corporation HC352 Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
1–10
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Electrical Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
Refer to Figure 1–2 in the row “Differential I/O Standards” in Table 1–33 for receiver
input and transmitter output waveforms, and for all differential I/O standards
(LVDS, mini-LVDS, RSDS). V
CC_CLKIN is the power supply for differential column clock
input pins. V
CCPD is the power supply for row I/Os and all other column I/Os.
HSTL-12 CLASS I
–0.15
V
REF –
0.08
V
REF +
0.08
V
CC IO +
0.15
V
REF –
0.15
V
REF +
0.15
0.25 ×
V
CCIO
0.75 ×
V
CCIO
8–8
HSTL-12 CLASS II
–0.15
V
REF –
0.08
V
REF +
0.08
V
CC IO +
0.15
V
REF –
0.15
V
REF +
0.15
0.25 ×
V
CCIO
0.75 ×
V
CCIO
16
–16
Table 1–14. Single-Ended SSTL and HSTL I/O Standards Signal Specifications – Preliminary (Part 2 of 2)
I/O Standard
V
IL (D C) (V)
V
IH (D C) (V)
V
IL(A C) (V)
V
IH(AC ) (V)
V
OL (V)
V
OH (V)
I
OL (mA)
I
OH (mA)
Min
Max
Min
Max
Max
Min
Max
Min
Table 1–15. Differential SSTL I/O Standard Specifications – Preliminary
I/O Standard
V
CCIO (V)
V
SW ING (DC ) (V)
V
X (A C) (V)
V
SW ING (AC ) (V)
V
OX (A C) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Max
Min
Typ
Max
SSTL-2
CLASS I,
CLASS II
2.375
2.5
2.625
0.3
V
CCI O +
0.6
V
CCIO/2
– 0.2
—
V
CCI O/2
+ 0.2
0.6
V
CCIO
+ 0.6
V
CCIO/2
– 0.15
—
V
CCI O/2
+ 0.15
SSTL-18
CLASS I,
CLASS II
1.71
1.8
1.89
0.3
V
CCI O +
0.6
V
CCIO/2
–
0.175
—
V
CCI O/2
+
0.175
0.5
V
CCIO
+ 0.6
V
CCIO/2
–
0.125
—
V
CCI O/2
+
0.125
SSTL-15
CLASS I,
CLASS II
1.425
1.5
1.575
0.2
—
—
V
CCIO/2
—0.4
—
—
V
CCIO/2
—
Table 1–16. Differential HSTL I/O Standards Specifications – Preliminary
I/O Standard
V
CC IO (V)
V
DIF(DC ) (V)
V
X(AC) (V)
V
CM(D C) (V)
V
DIF(AC ) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Typ
Max
Min
Max
HSTL-18
CLASS I, II
1.71
1.8
1.89
0.2
—
0.78
—
1.12
0.78
—
1.12
0.4
—
HSTL-15
CLASS I, II
1.425
1.5
1.575
0.2
—
0.68
—
0.9
0.68
—
0.9
0.4
—
HSTL-12
CLASS I, II
1.14
1.2
1.26
0.16
V
CCIO +
0.3
—
0.5 ×
V
CCIO
—
0.4 ×
V
CC IO
0.5 ×
V
CCIO
0.6 ×
V
CC IO
0.3
V
CCIO +
0.48
Table 1–17. Differential I/O Standard Specifications – Preliminary (Part 1 of 2)
I/O Standard
V
CCIO (V)
V
ID (mV)
V
IC M (DC ) (V)
V
OD (V ) (1)
V
OCM (V ) (1)
Min
Typ
Max
Min
Condition
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max
2.5V LVDS
(Row I/O)
2.375
2.5
2.625
100
VCM = 1.25V
—
0.05
(2)
Dmax
≤ 700
Mbps
1.8
(2)
0.247
—
0.6
1.125
1.25
1.375
2.375
2.5
2.625
100
VCM = 1.25V
—
1.05
(2)
Dmax > 700
Mbps
1.55
(2)
——————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com