| Electronic Components Datasheet Search |
|
HC362 Datasheet(PDF) 3 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC362 Datasheet(HTML) 3 Page - Altera Corporation |
|
3 / 26 page ![]() © December 2008 Altera Corporation HardCopy III Device Handbook, Volume 3 1. DC and Switching Characteristics of HardCopy III Devices Electrical Characteristics This chapter provides information about the absolute maximum ratings, recommended operating conditions, DC electrical characteristics, and other specifications for HardCopy® III devices. HardCopy III devices are offered in both commercial and industrial grades. Operating Conditions When HardCopy III devices are implemented in a system, they are rated according to a set of defined parameters. To maintain the highest possible performance and reliability, you must consider the operating requirements described in this chapter. HardCopy III devices are not speed binned like Stratix® III devices because HardCopy III devices are designed and built to function at a target frequency based on timing constraints, and operate at either commercial or industrial temperatures. Absolute Maximum Ratings Absolute maximum ratings define the maximum operating conditions for HardCopy III devices. The values are based on experiments conducted with the device and theoretical modeling of breakdown and damage mechanisms. The functional operation of the device is not implied by these conditions. Conditions beyond those listed in Table 1–1 can cause permanent damage to the device. Additionally, device operation at the absolute maximum ratings for extended periods of time can have adverse effects on the device. Table 1–1. HardCopy III Device Absolute Maximum Ratings – Preliminary (Part 1 of 2) (Note 1) Symbol Parameter Minimum Maximum Unit V CCL Core voltage power supply –0.5 1.35 V V CC I/O registers power supply –0.5 1.35 V V CCD_PLL PLL digital power supply –0.5 1.35 V V CCA_PLL PLL analog power supply –0.5 3.75 V V CCPT (2) Power supply for the temperature sensing diode –0.5 3.75 V V CCPGM Configuration pins power supply –0.5 3.9 V V CCPD I/O pre-driver power supply –0.5 3.9 V V CCIO I/O power supply –0.5 3.9 V V CC_CLKIN Differential clock input power supply (top and bottom I/O banks only) –0.5 3.75 V V CCBAT (3) Battery back-up power supply for design security volatile key register —— V V I DC input voltage –0.5 4.0 V T J Operating junction temperature –55 125 °C I OUT DC output current, per pin –25 40 mA HIII53001-2.0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |