Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC372 Datasheet(PDF) 6 Page - Altera Corporation

Part # HC372
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC372 Datasheet(HTML) 6 Page - Altera Corporation

Back Button HC372 Datasheet HTML 2Page - Altera Corporation HC372 Datasheet HTML 3Page - Altera Corporation HC372 Datasheet HTML 4Page - Altera Corporation HC372 Datasheet HTML 5Page - Altera Corporation HC372 Datasheet HTML 6Page - Altera Corporation HC372 Datasheet HTML 7Page - Altera Corporation HC372 Datasheet HTML 8Page - Altera Corporation HC372 Datasheet HTML 9Page - Altera Corporation HC372 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
1–4
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Electrical Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
DC Characteristics
This section lists the input pin capacitances, on-chip termination tolerance, and hot
socketing specifications.
Supply Current
Standby current is the current the device draws after the device enters user mode with
no inputs/outputs toggling and no activity in the device. Since these currents vary
largely with the resources used, use the Excel-based Early Power Estimator (EPE) to
get supply current estimates for your design.
V
CCPD (3)
I/O pre-driver power supply, 3.0 V
—
2.85
3.0
3.15
V
I/O pre-driver power supply, 2.5 V
—
2.375
2.5
2.625
V
V
CCIO
I/O power supply, 3.0 V
—
2.85
3.0
3.15
V
I/O power supply, 2.5 V
—
2.375
2.5
2.625
V
I/O power supply, 1.8 V
—
1.71
1.8
1.89
V
I/O power supply, 1.5 V
—
1.425
1.5
1.575
V
I/O power supply, 1.2 V
—
1.14
1.2
1.26
V
V
CC_CLKIN
Differential clock input power
supply (top and bottom I/O banks
only)
—
2.375
2.5
2.625
V
V
CCBAT (4)
Battery back-up power supply for
design security volatile key
register
——
—
—
V
V
I
DC input voltage
—
–0.3
—
3.6
V
V
O
Output voltage
—
0
—
V
CCIO
V
T
J
Operating junction temperature
For
commercial
use
0—
85
°C
For industrial
use
–40
—
100
°C
t
RAMP
Power supply ramp time
Normal POR
(PORSEL=0)
50 µs
—
300 ms
—
Fast POR
(PORSEL=1)
50 µs
—
12 ms
—
Notes to Table 1–3:
(1) In Stratix III devices, VCCL can also be 1.1 V, while VCC and VCCD_PLL are 1.1 V. In HardCopy III devices, all three supplies are 0.9 V.
(2) In Stratix III devices, this power supply is also used for programmable power technology.
(3) VCCPD is either 2.5 V or 3.0 V. For a 3.0-V I/O standard, VCCPD = 3.0 V. For a 2.5 V or lower I/O standard, VCCPD = 2.5 V.
(4) In HardCopy III devices, this power supply is not used.
Table 1–3. HardCopy III Device Recommended Operating Conditions – Preliminary (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com