Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A41CS9VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A41CS9VDC
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A41CS9VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  A41CS9VDC Datasheet HTML 1Page - CIT Relay & Switch A41CS9VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A4
1. Series
A4
1C
S
12VDC
A4
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
1U = SPST N.O.
1W = SPDT
2A = (2) SPST N.O.
2C = (2) SPDT
2U = (2) SPST N.O.
2W = (2) SPDT
3. Sealing Option
S = Sealed
C = Dust cover
4. Coil Voltage
3VDC
5VDC
6VDC
9VDC
12VDC
18VDC
24VDC
Dimensions
Units = mm
Single Package
Dual Package
Bottom Views
Schematics & PC Layouts
1A
2A
1C
2C
1U
2U
1W
2W
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com