Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS05J Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS05J
Description  HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS05J Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LS05J Datasheet HTML 4Page - Texas Instruments SN54LS05J Datasheet HTML 5Page - Texas Instruments SN54LS05J Datasheet HTML 6Page - Texas Instruments SN54LS05J Datasheet HTML 7Page - Texas Instruments SN54LS05J Datasheet HTML 8Page - Texas Instruments SN54LS05J Datasheet HTML 9Page - Texas Instruments SN54LS05J Datasheet HTML 10Page - Texas Instruments SN54LS05J Datasheet HTML 11Page - Texas Instruments SN54LS05J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN54LS05, SN54S05
SN7405, SN74LS05, SN74S05
HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS
SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54LS/74LS DEVICES
From Output
Under Test
CL
(see Note A)
RL
Test Point
VCC
LOAD CIRCUIT
1.3 V
1.3 V
High-Level
Pulse
1.3 V
1.3 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PULSE WIDTHS
NOTES: A. CL includes probe and jig capacitance.
B. In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 1.5 ns, tf ≤ 2.6 ns.
D. The outputs are measured one at a time with one input transition per measurement.
1.3 V
1.3 V
Input
tPLH
In-Phase
Output
3 V
0 V
1.3 V
1.3 V
VOH
VOL
tPHL
1.3 V
1.3 V
VOH
VOL
tPHL
tPLH
Out-of-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Figure 2. Load Circuit and Voltage Waveforms
The SN5405 is obsolete
and no longer is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com