Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A2 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 1A2
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1A2 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  1A2 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1A2 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
1A1 THRU 1A9
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
100
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
10
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
° C)
j
T =25
° C
80
40
60
100
1.0
0.1
20
0.01
0
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
100
j
T =25
° C
1% Duty Cycle
Pulse Width=300us
1
0.1
0.01
100
10
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.4-TYPICAL JUNCTION CAPACITANCE
10.0
1.0
4.0
0.1
10
REVERSE VOLTAGE,(VOLTS)
TJ=25
° C F=1MHz
j
10
RATING AND CHRACTERISTIC CURVES 1A1 Thur 1A9
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
125
150
175
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
120
140
T =100
° C
(JEDEC Method) =T
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
0
1
10
25
20
30
2
5
8
10
20
50
jmax
j
T
100
FORWARD SURGE CURRENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FIG.4-TYPICAL REVERSE
CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com