Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W005G Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 2W005G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

2W005G Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  2W005G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 2W005G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
2W005G THRU 2W10G
RATINGS AND CHARACTERISTICS CURVES 2W005G THRU 2W10G
t, HEATING TIME, sec.
REVERSE VOLTAGE,VOLTS
VOLTAGE, %
PERCENT OF RATED PEAK REVERSE
VOLTS
INSTANTANEOUS FORWARD VOLTAGE,
AMBIENT TEMPERATURE, ℃
FIG .6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER LEG
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PER LEG
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
FORWARD SURGE CURRENT PER LEG
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FIG. 1 - DERATING CURVE OUTPUT
1.0 CYCLE
P.C.B.
Vsig=50mVp-p
f=1.0 MHz
J
T =25℃
1% DUTY CYCLE
PULSE WIDTH=300μs
T =25℃
A
J
T =100℃
J
T =125℃
T =25℃
J
(
JEDEC Method)
SINGLE SINE-WAVE
A
T =25℃
(
PER LEG) 20
Ipk/I(AV)10
LOADS 5.0
CAPACITIVE
(
9.5mm)
0.375"
(
5.5×5.5mm)
0.22×0.22"
COPPER PADS
INDUCTIVE LOAD
RESISTIVE OR
60 Hz
100
10
1
0.1
0.01
0.1
1
10
100
100
10
1
0.1
1
10
100
100
80
60
40
20
0
0.01
0.1
1
10
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.01
0.1
1
10
20
100
10
1
0
10
20
30
40
50
60
150
125
100
75
50
25
0
0
0.4
0.8
1.2
1.6
2.4
2.0
NUMBER OF CYCLES AT 60 Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com