Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASP11TNB Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # ASP11TNB
Description  CIT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ASP11TNB Datasheet(HTML) 1 Page - CIT Relay & Switch

  ASP11TNB Datasheet HTML 1Page - CIT Relay & Switch ASP11TNB Datasheet HTML 2Page - CIT Relay & Switch ASP11TNB Datasheet HTML 3Page - CIT Relay & Switch ASP11TNB Datasheet HTML 4Page - CIT Relay & Switch ASP11TNB Datasheet HTML 5Page - CIT Relay & Switch ASP11TNB Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.citswitch.com
page
178
phone – 763.535.2339 fax – 763.535.2194
ASP
SPECIFICATIONS
Electrical Ratings
3A @ 120 VAC, 28VDC; 1A @ 250VAC
Electrical Life
50,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
4/6 Nylon, Glass Filled, Flame Retardant
Heat Stabilized, UL94V-0
Housing
4/6 Nylon, Glass Filled, Flame Retardant
Heat Stabilized, UL94V-0
Support Bracket
Steel, Tin Plated
Contacts
Copper Alloy, Silver or Gold Plated
Terminals
Copper Alloy, Silver or Gold Plated
ORDERING INFORMATION
Series:
ASP
ASP
1
Number of Poles:
1 = SPDT
2 = DPDT
1
Switch Function:
1 = ON-NONE-(ON)
T
Actuator:
T = 7.11mm, Std
N
Bushing:
E = 8.80mm, ¼-40 UNS-2A Threaded
N = 6.35mm, Non-Threaded
H
Terminals:
B = Solder Lug
C = PC Pin
D = Quick Connect
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin; VS = Snap-in
S20 = PC Pin with Support Bracket; V20 = Snap-in Support Bracket
S25 = PC Pin with Support Bracket; V25 = Snap-in Support Bracket
Q
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
Actuator Caps:
Blank = None
C73
C74
C75
C76
C77
Actuator Cap Colors:
** See Cap Options for color availability
Process Sealed


Similar Part No. - ASP11TNB

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASP10 PAIRUI-ASP10 Datasheet
582Kb / 6P
AC-DC Converter
ASP10210 PAIRUI-ASP10210 Datasheet
582Kb / 6P
AC-DC Converter
ASP10211 PAIRUI-ASP10211 Datasheet
582Kb / 6P
AC-DC Converter
ASP10212 PAIRUI-ASP10212 Datasheet
582Kb / 6P
AC-DC Converter
ASP10213 PAIRUI-ASP10213 Datasheet
582Kb / 6P
AC-DC Converter
More results

Similar Description - ASP11TNB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com