Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7644DX Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # SM7644DX
Description  1.8 V CMOS Clock Oscillators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7644DX Datasheet(HTML) 3 Page - Pletronics, Inc.

  SM7644DX Datasheet HTML 1Page - Pletronics, Inc. SM7644DX Datasheet HTML 2Page - Pletronics, Inc. SM7644DX Datasheet HTML 3Page - Pletronics, Inc. SM7644DX Datasheet HTML 4Page - Pletronics, Inc. SM7644DX Datasheet HTML 5Page - Pletronics, Inc. SM7644DX Datasheet HTML 6Page - Pletronics, Inc. SM7644DX Datasheet HTML 7Page - Pletronics, Inc. SM7644DX Datasheet HTML 8Page - Pletronics, Inc. SM7644DX Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM76D Series 1.8 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
70
165
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
“44"
-25
+25
“20"
-20
+20
Output Waveform
CMOS
Output High Level
0.4
-
V
Below V
CC
(See load circuit)
Output Low Level
-
0.4
V
(See load circuit)
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.6
pS RMS
12 KHz to 20 MHz from the output frequency
-
2.5
pS RMS
10 Hz to 1 MHz from the output frequency
Enable/Disable Internal Pull-up
30
-
Kohm
to V
CC
V disable
-
30
%
of V
CC applied to pad 1
V enable
70
-
%
of V
CC applied to pad 1
Output leakage
V
OUT = VCC
-10
+10
uA
Pad 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Standby Current I
CC
-
10
uA
Pad 1 low, device disabled
Enable time
-
2
mS
Time for output to resume operation
Disable time
-
200
nS
Time for output to reach a high Z state
Start up time
-
5
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
- 40
+85
oC
Extended Temperature Range
“E” Option
Storage Temperature Range
- 55
+125
oC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com