Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY296 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # BY296
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

BY296 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  BY296 Datasheet HTML 1Page - MIC GROUP RECTIFIERS BY296 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
100 to 800 Volts
BY296 THRU BY299
CURRENT
2 .0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.014 ounce, 0.39 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
BY296
BY297
BY298
BY299
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
800
Volts
Maximum RMS Voltage
VRMS
70
140
280
560
Volts
Maximum DC Blocking Voltage
VDC
100
200
400
800
Volts
Maximum Average Forward Rectified Current 0.375”(9.5mm)
lead length at TA= 75℃
I(AV)
2.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage @ 2.0A
VF
1.3
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
200
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
500
ns
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJA
40
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=10mA,Ir=10mA,Irr=1A
DO-15
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
DIA.
DIA.


Similar Part No. - BY296

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Jinan Gude Electronic D...
BY296 JGD-BY296 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
logo
Dc Components
BY296 DCCOM-BY296 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BY296 EIC-BY296 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BY296

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
1N4933 MIC-1N4933 Datasheet
47Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com