Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR503 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # DR503
Description  DISH AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

DR503 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  DR503 Datasheet HTML 1Page - MIC GROUP RECTIFIERS DR503 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DISH AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 400 Volts
DR501 THRU DR506
CURRENT
50.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
•
Glass passivated chip
MECHANICAL DATA
•
Technology: vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated Ni lead, solderable per
MIL-STD-202E method 208C
•
Weight: 0.035 ounces, 1.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DR501
DR502
DR503
DR504
DR506
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
IO
50
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
600
Amps
Rating for fusing (t<8.3ms)
I
2t
1494
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.08
1.10
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
Dimensions in millimeters
DR
Negative: 23.0
± 0.5
Positive: 19.0
± 0.5
9.5
± 0.2
8.4
± 0.2
1.5
± 0.05


Similar Part No. - DR503

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DR500 EDI-DR500 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
RF Monolithics, Inc
DR5000 RFM-DR5000 Datasheet
117Kb / 4P
916.50 MHz Receiver Module
logo
Gaomi Xinghe Electronic...
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Murata Manufacturing Co...
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
916.50 MHz Transceiver Module
logo
Danisense A/S
DR5000IM DANISENSE-DR5000IM Datasheet
889Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
More results

Similar Description - DR503

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ADRS30L MIC-ADRS30L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS30M MIC-ADRS30M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS30Z MIC-ADRS30Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40L MIC-ADRS40L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40M MIC-ADRS40M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40Z MIC-ADRS40Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
DR251 MIC-DR251 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 MIC-DR351 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR251 PFS-DR251 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 PFS-DR351 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com