Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCC5 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # NCC5
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

NCC5 Datasheet(HTML) 1 Page - CIT Relay & Switch

  NCC5 Datasheet HTML 1Page - CIT Relay & Switch NCC5 Datasheet HTML 2Page - CIT Relay & Switch NCC5 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
page
104
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
25mA @ 50VDC
Electrical Life
1,000,000 cycles typical
Contact Resistance
< 25 m
Ω initial
Actuation Force
150 +/- 50gF
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Cap
ABS
Housing
6/6 Nylon
Contacts
Copper Alloy, Gold over Nickel Plated
Terminals
Copper Alloy, Silver Plated
ORDERING INFORMATION
1. Series:
NC
NC
A
2. Cover Style:
A
B
C
D
E
F
3
3. Cover Color:
1 = White
2 = Black
3 = Red
4 = Yellow
5 = Green
6 = Orange
7 = Blue
8 = Dark Gray
9 = Light Gray
4. Caps:
Blank = No Cap
C11
C12
C13
C14
C15*
C16
C17*
C18
C19
C22
C26
C27
C28
Cap Colors:
**See Cap Options for color availability
** Caps available with C & E actuators only
* C15 & C17 fit only “E” actuator
DIMENSIONS
A
B
C
NC


Similar Part No. - NCC5

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NCC5003D CALMIRCO-NCC5003D Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
NCC5003DA CALMIRCO-NCC5003DA Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
NCC5003DAG CALMIRCO-NCC5003DAG Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
NCC5003DAGL CALMIRCO-NCC5003DAGL Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
NCC5003DAGLP CALMIRCO-NCC5003DAGLP Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
More results

Similar Description - NCC5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com