Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD4 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # SHD4
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

SHD4 Datasheet(HTML) 1 Page - CIT Relay & Switch

  SHD4 Datasheet HTML 1Page - CIT Relay & Switch SHD4 Datasheet HTML 2Page - CIT Relay & Switch SHD4 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
page
20
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
50mA @ 35VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
130 +/- 50gF
Actuator Travel
.50 +/- .1mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Cover
PC
Base
Valox
Contacts
Copper Alloy, Silver Plated
Terminals
Copper Alloy, Silver Plated
ORDERING INFORMATION
SH
1. Series:
SH
SH
2. Actuator Options:
A - Square
B - Round
C - Flat
D - Post
E - Large Square Cap
B
L
3. Actuator Colors:
Non-illuminated Actuator Color Options
1 = White
5 = Green
2 = Black
6 = Orange
3 = Red
7 = Blue
4 = Yellow
8 = Dark Gray
9 = Beige
Illuminated Actuator Options
L = LED Option – Clear Actuator Color
L1 = LED Option – With Laser Etching Style
**LED only available with A & B actuators
B
4. LED Colors:
Blank = No LED
R = Red
G = Green
Y = Yellow
B = Blue
W = White
Bicolor LED Colors:
RG = Red/Green
RY = Red/Yellow
YG = Yellow/Green
BG = Blue/Green
BR = Blue/Red
BY = Blue/Yellow
A
5. Laser Etching Styles:
Blank = No Laser Etching Style
A
F
B
G
C
H
D
J
E
K
**Laser etching styles are only available with the A or B actuator. A colored
film is applied to the actuator and is laser etched to allow the LED to shine
through the pattern.
MS
6. Laser Etching Colors:
Blank = No Laser Etching Color
MS =Misty Silver
BS = Bright Silver
BG = Bright Gold
** A colored film is applied to the actuator and is laser etched to allow the standard
color of the actuator or the LED to shine through the pattern.
7. Caps:
Blank = No Cap
C11
C12
C13
C14
C15
C16
C17
C18
C19
C22
C26
C27
C28
Cap Colors:
**See Cap Options for color availability
** Caps available with D actuator only


Similar Part No. - SHD4

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SHD4101 SANKEN-SHD4101 Datasheet
630Kb / 20P
Power MOSFET Module
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Roithner LaserTechnik G...
SHD4580MG ROITHNER-SHD4580MG Datasheet
429Kb / 3P
Blue Laser Diode
SHD4850MG ROITHNER-SHD4850MG Datasheet
493Kb / 3P
Cyan Laser Diode
06 / 2019
More results

Similar Description - SHD4

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com