Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR601 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # FR601
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

FR601 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  FR601 Datasheet HTML 1Page - MIC GROUP RECTIFIERS FR601 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FR601 THRU FR607
CURRENT
6.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.042ounce, 1.19 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
FR
601
FR
602
FR
603
FR
604
FR
605
FR
606
FR
607
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 75℃
I(AV)
6.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
300
Amps
Maximum Instantaneous Forward Voltage @ 6.0A
VF
1.3
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
500
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
150
250
500
ns
Typical Junction Capacitance (Note 1)
CJ
150
pF
Typical Thermal Resistance (Note 2)
RθJA
10
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=0.5mA,Ir=1.0mA,Irr=0.25A
R-6
DIA.
.052(1.3)
.048(1.2)
DIA.
.360(9.1)
.340(8.6)
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)


Similar Part No. - FR601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR601 RECTRON-FR601 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR601 JGD-FR601 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR601

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com