Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMX161ESS561ML60S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKMX161ESS561ML60S
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMX161ESS561ML60S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKMX161ESS561ML60S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMX161ESS561ML60S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
?STANDARD RATINGS
SS : Lead forming / Taping code
NIPPON CHEMI-CON CORPORATION
1219
Specifications in this bulletin are subject to change without notice.
2
Engineering Bulletin
Aluminum Electrolytic Capacitors
No.646G / Oct.2004
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/
20c,
100kHz)
Rated ripple
current
(mArms/105c)
Part No.
120Hz 100kHz
160
33
10B 20
1.3
210
565
EKMX161ESS330MJ20S
47
12.5B 20
0.91
270
725
EKMX161ESS470MK20S
68
12.5B 25
0.63
350
950
EKMX161ESS680MK25S
68
16B 20
0.47
430
970
EKMX161ESS680ML20S
100
16B 25
0.27
475
1280
EKMX161ESS101ML25S
100
18B 20
0.31
465
1180
EKMX161ESS101MM20S
150
10B 50
0.77
545
1020
EKMX161ESS151MJ50S
150
16B 25
0.27
580
1300
EKMX161ESS151ML25S
220
12.5B 45
0.52
740
1200
EKMX161ESS221MK45S
220
16B 31.5
0.22
750
1300
EKMX161ESS221MLN3S
220
18B 25
0.23
725
1300
EKMX161ESS221MM25S
330
16B 40
0.35
990
1540
EKMX161ESS331ML40S
330
18B 31.5
0.22
960
1700
EKMX161ESS331MMN3S
470
16B 55
0.25
1220
1870
EKMX161ESS471ML55S
560
16B 60
0.23
1350
2140
EKMX161ESS561ML60S
680
18B 55
0.20
1480
2330
EKMX161ESS681MM55S
200
22
10B 20
1.5
165
440
EKMX201ESS220MJ20S
33
12.5B 20
0.91
230
590
EKMX201ESS330MK20S
47
12.5B 20
0.91
270
780
EKMX201ESS470MK20S
68
12.5B 25
0.63
350
950
EKMX201ESS680MK25S
68
16B 20
0.47
430
970
EKMX201ESS680ML20S
100
10B 50
0.73
430
930
EKMX201ESS101MJ50S
100
16B 25
0.27
425
1280
EKMX201ESS101ML25S
100
18B 20
0.31
465
1180
EKMX201ESS101MM20S
150
12.5B 40
0.56
615
1200
EKMX201ESS151MK40S
150
16B 25
0.27
580
1300
EKMX201ESS151ML25S
220
12.5B 55
0.39
790
1420
EKMX201ESS221MK55S
220
18B 31.5
0.22
780
1700
EKMX201ESS221MMN3S
330
16B 50
0.28
1020
1870
EKMX201ESS331ML50S
470
18B 50
0.23
1230
2180
EKMX201ESS471MM50S
560
18B 60
0.18
1330
2390
EKMX201ESS561MM60S
250
10
10B 20
3.5
110
300
EKMX251ESS100MJ20S
22
12.5B 20
2.3
185
480
EKMX251ESS220MK20S
33
12.5B 25
1.7
250
630
EKMX251ESS330MK25S
47
12.5B 25
1.7
295
630
EKMX251ESS470MK25S
47
16B 20
1.1
300
750
EKMX251ESS470ML20S
68
10B 50
0.73
340
840
EKMX251ESS680MJ50S
68
16B 25
0.78
390
1000
EKMX251ESS680ML25S
68
18B 20
0.90
385
900
EKMX251ESS680MM20S
100
12.5B 40
0.56
500
1200
EKMX251ESS101MK40S
100
16B 31.5
0.63
520
1400
EKMX251ESS101MLN3S
100
18B 25
0.63
500
1345
EKMX251ESS101MM25S
150
12.5B 55
0.39
650
1420
EKMX251ESS151MK55S
150
18B 31.5
0.42
640
1450
EKMX251ESS151MMN3S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/
20c,
100kHz)
Rated ripple
current
(mArms/105c)
Part No.
120Hz 100kHz
250
220
16 B 50
0.28
820
1710
EKMX251ESS221ML50S
220
18 B 40
0.35
820
1485
EKMX251ESS221MM40S
330
18 B 50
0.23
1030
2140
EKMX251ESS331MM50S
350
22
12.5 B 20
2.1
185
270
EKMX351ESS220MK20S
33
16 B 20
0.91
250
600
EKMX351ESS330ML20S
47
10 B 50
1.2
270
705
EKMX351ESS470MJ50S
47
16 B 25
0.73
325
700
EKMX351ESS470ML25S
47
18 B 20
0.75
350
750
EKMX351ESS470MM20S
68
12.5 B 40
1.1
335
895
EKMX351ESS680MK40S
68
16 B 31.5
0.49
420
1100
EKMX351ESS680MLN3S
68
18 B 25
0.53
400
875
EKMX351ESS680MM25S
100
12.5 B 55
0.71
435
1050
EKMX351ESS101MK55S
100
18 B 31.5
0.40
530
1170
EKMX351ESS101MMN3S
150
16 B 50
0.51
690
1400
EKMX351ESS151ML50S
220
18 B 55
0.32
840
1610
EKMX351ESS221MM55S
400
10
10 B 20
2.9
110
180
EKMX401ESS100MJ20S
22
12.5 B 25
1.3
200
300
EKMX401ESS220MK25S
22
16 B 20
0.91
200
600
EKMX401ESS220ML20S
33
10 B 40
1.7
215
640
EKMX401ESS330MJ40S
33
16 B 20
0.91
250
600
EKMX401ESS330ML20S
47
12.5 B 40
1.1
280
775
EKMX401ESS470MK40S
47
16 B 25
0.73
325
700
EKMX401ESS470ML25S
47
18 B 20
0.75
350
750
EKMX401ESS470MM20S
68
12.5 B 50
0.81
335
895
EKMX401ESS680MK50S
68
16 B 31.5
0.49
420
1100
EKMX401ESS680MLN3S
68
18 B 25
0.53
400
875
EKMX401ESS680MM25S
100
16 B 40
0.63
540
1210
EKMX401ESS101ML40S
100
18 B 35.5
0.34
545
1250
EKMX401ESS101MMP1S
150
16 B 60
0.41
695
1490
EKMX401ESS151ML60S
450
3.3
10 B 20
6.5
60
150
EKMX451ESS3R3MJ20S
4.7
12.5 B 20
3.6
80
200
EKMX451ESS4R7MK20S
10
12.5 B 25
2.5
125
315
EKMX451ESS100MK25S
22
10 B 45
2.3
185
520
EKMX451ESS220MJ45S
22
16 B 25
1.7
210
570
EKMX451ESS220ML25S
22
18 B 20
2.1
200
550
EKMX451ESS220MM20S
33
12.5 B 40
1.3
235
710
EKMX451ESS330MK40S
33
16 B 31.5
1.1
275
620
EKMX451ESS330MLN3S
33
18 B 25
1.1
280
590
EKMX451ESS330MM25S
47
12.5 B 50
0.95
300
845
EKMX451ESS470MK50S
47
18 B 31.5
0.93
340
900
EKMX451ESS470MMN3S
68
16 B 40
0.71
445
985
EKMX451ESS680ML40S
68
18 B 35.5
0.71
420
980
EKMX451ESS680MMP1S
100
16 B 60
0.45
570
1300
EKMX451ESS101ML60S
150
18 B 60
0.41
690
1510
EKMX451ESS151MM60S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com