Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1601 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HER1601
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HER1601 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HER1601 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HER1601 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HER1601 THRU HER1607
CURRENT
16.0 Ampere
FEATURES
High speed switching
Glass passivated chip junction
Low power loss for high efficiency
Low leakage
High surge capacity
High temperature soldering guaranteed
250℃/10 second, 0.16″(4.06mm) lead length
Also available in reverse polarity, add the “R” Suffix, i.e. HER1601R
Also available in an isolated package, HERF1601
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202E method 208C
Polarity: as marked
Mounting position: Any, 5 in-lbs Torque Max
Weight: 0.08ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
HER
1601
HER
1602
HER
1603
HER
1604
HER
1605
HER
1606
HER
1607
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
16.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
225
Amps
Maximum Instantaneous Forward Voltage per at 16.0A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage at
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
70
100
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
40
pF
Typical Thermal Resistance (Note 1)
RθJC
2.5
/W
Operating Junction Temperature
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Unit mounted on heatsink
Dimensions in inches and (millimeters)
TO-220AC


Similar Part No. - HER1601

ManufacturerPart #DatasheetDescription
logo
Bytes
HER1601 BYTES-HER1601 Datasheet
161Kb / 2P
16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER1601 DCCOM-HER1601 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
logo
Formosa MS
HER1601 FORMOSA-HER1601 Datasheet
38Kb / 2P
16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
List of Unclassifed Man...
HER1601 ETC-HER1601 Datasheet
80Kb / 2P
16A HIGH EFFICIENCY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
HER1601 DAESAN-HER1601 Datasheet
313Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
More results

Similar Description - HER1601

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER251G MIC-HER251G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com