Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ6005G Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # KBJ6005G
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

KBJ6005G Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  KBJ6005G Datasheet HTML 1Page - MIC GROUP RECTIFIERS KBJ6005G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000Volts
KBJ6005G THRU KBJ610G
CURRENT
6.0 Amperes
RATINGS AND CHARACTERISTIC CURVES KBJ6005G THRU KBJ610G
60Hz Resistive or Inductive Load
(
6.5×3.5×0.15cm)AL.Plate
2.6×1.4×0.06"Thk
Heat-Sink Mounting,Tc
50
0
150
100
6.0
100
50
0
FIG. 1- DERATING CURVE
RECTIFIED CURRENT
OUTPUT
FORWARD SURGE CURRENT PER LEG
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FIG. 3- TYPICAL FORWORD CHARACTERISTICS
PER LGE
TEMPERATURE, ℃
NUMBER OF CYCLES AT 60 Hz
CHARACTERISTICS PER LEG
FIG. 4- TYPICAL REVERSE LEAKAGE
PER LEG
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE,(V)
FIG. 6- TYPICAL TRANSIENT THERMAL
IMPEDANCE
REVRESE VOLTAGE,(V)
T, HEATING TIME (SEC.)
0
50
100
150
10
100
1
500
0.01
0.1
10
100
1
100
80
60
40
20
0
1.4
1.2
1.0
0.8
0.6
0.4
1.6
1
100
10
0.1
0.01
10
1000
100
100
1
10
0.1
10
0.01
0.1
100
1
100
0.1
10
1
T = 150℃
J
Single Sine-Wave
(
JEDEC Method)
1.0 CYCLE
600-1000V
50-400V
T =125℃
J
J
T =25℃
Pulse width=300μ
J
T =25℃
1% Duty Cycle
Vsig=50mVp-p
f=1.0MHz
T =25℃
j
50-400V
600-1000V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com