Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ1.0GD3V3 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GD3V3
Description  ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GD3V3 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MZ1.0GD3V3 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GD3V3 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GD3V3 Datasheet HTML 3Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
MZ1.0GD3V3 THRUMZ1.0GD100
FEATURES
•
Silicon Planar Power Zener Diodes
•
For use in stabilizing and clipping circuits with
High power rating
•
Standard Zener Voltage tolerance is ±5%, Add suffix “A” FOR
±10% tolerance Other Zener voltages and
Tolerances are available upon request
•
These diodes are also available in the MELF case with type
Designation MZ1.0GM3V3 thru MZ1.0GM100
MECHANICAL DATA
•
Case: DO-41 Glass Case
•
Weight: approx.0.35g
MAXIMUN RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
Symbols
Limits
Unit
Zener Current (see Table “characteristics”)
Power Dissipation at Tamb=℃
Ptot
1.0
(1)
Watts
Junction Temperature
Tj
150
℃
Storage Temperature Range
Ts
-50to+150
℃
Characteristics at Tamb=25℃
Symbols
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air
RthJA
-
-
170
(1)
℃/W
Forward Voltage at IF=100mA
VF
-
-
1.2
Volts
Notes
1.
Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature.


Similar Part No. - MZ1.0GD3V3

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GM100V MIC-MZ1.0GM100V Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM10V MIC-MZ1.0GM10V Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM11V MIC-MZ1.0GM11V Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM12V MIC-MZ1.0GM12V Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM13V MIC-MZ1.0GM13V Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
More results

Similar Description - MZ1.0GD3V3

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com