Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF11 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SF11
Description  SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SF11 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SF11 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SF11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SUPER FAST RECOVERY RECTIFIER
VOLTAGE RANGE
50 to 600 Volts
SF11 THRU SF18
CURRENT
1.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
0.8
50
0.4
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
0.375"(9.5mm)Lead Length
4
6
40
FORWARD SURGE CURRENT
(JEDEC Method) Tj=Tjmax
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
0
1
10
30
28
10
20
60
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
1 Cycle
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE REXOVERY TIME CHARACTERISTIC
NOTE: 1.Rise Time =7ns max.Input Impedance=1megohm.22pF
2.Rise time=10ns max.Source Impedance=50 ohms
SET TIME BASE FOR
50 /100NS /cm
-1.0A
0.25A
0
+0.5A
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATIOR
(NOTE 2)
(-)
1Ω
NON
INDUCTIVE
10Ω
NONINDUCTIVE
50Ω
NONINDUCTIVE
D.U.T
(-)
(approx)
25 Vdc
(+)
10
80
40
60
100
1.0
0.1
20
0
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
140
120
0.01
j
T =125
° C
Trr
1cm
1.2
Vsig=50mVp-p
TJ=25
° C F=1MHz
REVERSE VOLTAGE,(V)
1.0
0.1
1.0
10
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
20
55
0.01
1.0
1.8
1.6
1.4
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.001
0.1
Pulse Width=300us
1% Duty Cycle
0.4
0.6
0.8
1.0
Tj =25
° C
1.2
10
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.6
0.2
T =25
° C
j
100
10
SF11-SF14
SF15-SF18
RATING AND CHRACTERISTIC CURVES SF11 THRU SF18



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com