Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-002 Datasheet(PDF) 1 Page - Faraday Technology

Part # PI-002
Description  CONVERTER CARD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

PI-002 Datasheet(HTML) 1 Page - Faraday Technology

  PI-002 Datasheet HTML 1Page - Faraday Technology PI-002 Datasheet HTML 2Page - Faraday Technology PI-002 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara108p
Page 1 of 3
Aug-05(C)
INPUT
Parallel multiplexed component signals to CCIR Rec 656
SMPTE RP-125 coded.
Note. To ease interfacing into equipment data is latched by the rising edge of the clock.
Data rate
27 MHz
Data Set up time
3 nS min to positive edge of clock
Data hold time
2.5 nS min from positive edge of clock
Line standard
625/50 or 525/60 Auto detection
Analogue Output Characteristics
Output format
YPbPr / RGB
Output levels
700 mV ±1%
Output Impedance
75 Ohms ±1%
Output return loss
> 40 dB to 5.5 MHz
Resolution
10 bit
Freq. Response
Luminance
< 0.2 dB to 5.5 MHz
Chrominance
< 0.2 dB to 2.2 MHz
K-ratings
kp, kpb, kbar <1%
Noise
>70 dB rms to 5.5 MHz
Power
+5V
±0.25V (300mA max)
Mechanical Details
The following formats are available:
Format A
STD configuration with low profile pins and BNC connectors for outputs.
Format B
LOW profile pins and MCX connectors for outputs.
Format C
STAND-OFF configuration with BNC outputs.
CONVERTER CARD PI-002
PARALLEL TO ANALOGUE YPBPR/RGB 10 BIT
LOW COST


Similar Part No. - PI-002

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
PI-001 FARADAY-PI-001 Datasheet
74Kb / 3P
PARALLEL TO SDI CONVERTER CARD WITH OPTIONAL EDH INSERTION
PI-003 FARADAY-PI-003 Datasheet
232Kb / 3P
PARALLEL DATA TO CVBS 10 BIT
PI-004 FARADAY-PI-004 Datasheet
74Kb / 3P
CONVERTER CARD
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
More results

Similar Description - PI-002

ManufacturerPart #DatasheetDescription
logo
CUI INC
UF224 CUI-UF224 Datasheet
488Kb / 4P
Converter Kit
logo
Faraday Technology
PI-004 FARADAY-PI-004 Datasheet
74Kb / 3P
CONVERTER CARD
PO-001 FARADAY-PO-001 Datasheet
45Kb / 3P
CONVERTER CARD
PO-005 FARADAY-PO-005 Datasheet
45Kb / 3P
CONVERTER CARD
logo
Solid States Devices, I...
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
CONVERTER
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
Converter
logo
Lin Eng. Inc.
RS232KIT LINENGINEERING-RS232KIT Datasheet
638Kb / 4P
CONVERTER CARD
USB232 LINENGINEERING-USB232 Datasheet
215Kb / 2P
CONVERTER CARD
USB485 LINENGINEERING-USB485 Datasheet
297Kb / 2P
CONVERTER CARD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com