Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-003 Datasheet(PDF) 1 Page - Faraday Technology

Part # PI-003
Description  PARALLEL DATA TO CVBS 10 BIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

PI-003 Datasheet(HTML) 1 Page - Faraday Technology

  PI-003 Datasheet HTML 1Page - Faraday Technology PI-003 Datasheet HTML 2Page - Faraday Technology PI-003 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara109d.doc
Page 1 of 3
Feb-01(F)
INPUT
Parallel multiplexed component signals to CCIR Rec 656
SMPTE RP-125 coded.
Note. To ease interfacing into equipment data is latched by the rising edge of the clock.
Data rate
27 MHz
Data Set up time
3 ns min to positive edge of clock
Data hold time
2.5 ns min from positive edge of clock
Line standard
625/50 or 525/60 Auto detection
Analogue Output Characteristics
Output signal
PAL-I, NTSC-M, according to line input standard - auto sensing
No of Outputs:
2
Output Impedance
75 Ohms ±1%
Output return loss
> 40 dB to 5.5 MHz
Resolution
10 bit
Freq. Response
< 0.15 dB to 5.5 MHz (with eq set to minimum and gain at 0 dB)
< 0.3 dB to 5.75 MHz
Chroma filtering as specified by CCIR624-3. Equal I/Q filtering for NTSC
K-ratings
kp, kpb, kbar < 0.5%
Chroma/luma gain inequality
< 0.1 dB
Chroma/luma delay inequality
< 10 ns
Differential phase
< 1.0 degree
Differential gain
< 0.5%
Noise
> 70 dB rms to 5.5 MHz
Power
+ 5V ±0.25V (550mA max)
Operating Temp
0
°C to 40°C
Note: This item is NOT aqueous washable.
PI-003
PARALLEL DATA TO CVBS 10 BIT


Similar Part No. - PI-003

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
PI-001 FARADAY-PI-001 Datasheet
74Kb / 3P
PARALLEL TO SDI CONVERTER CARD WITH OPTIONAL EDH INSERTION
PI-002 FARADAY-PI-002 Datasheet
74Kb / 3P
CONVERTER CARD
PI-004 FARADAY-PI-004 Datasheet
74Kb / 3P
CONVERTER CARD
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
More results

Similar Description - PI-003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
PARALLEL-TO-SERIAL DATA CONVERTER
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
logo
Texas Instruments
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
logo
List of Unclassifed Man...
HX8801 ETC2-HX8801 Datasheet
23Kb / 1P
CVBS
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Chrontel, Inc.
CH7107B CHRONTEL-CH7107B Datasheet
194Kb / 7P
CH7107B HDMI to CVBS Converter
Rev 1.6 2021-5-20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com