Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-004 Datasheet(PDF) 2 Page - Faraday Technology

Part # PI-004
Description  CONVERTER CARD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

PI-004 Datasheet(HTML) 2 Page - Faraday Technology

  PI-004 Datasheet HTML 1Page - Faraday Technology PI-004 Datasheet HTML 2Page - Faraday Technology PI-004 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara110p
Page 2 of 3
Sep-00(D)
Connector Pinout
1
+5V
2
CLK
3
D0
4
D1
5
D2
6
D3
7
D4
8
D5
9
D6
10
D7
11
D8
12
D9
13
+5V
14
+5V
15
NC
16
NC
17
NC
18
NC
19
RESET
20
NC
21
NC
22
GND
23
GND
24
GND
25
NC
26
NC
27
NC
28
NC
29
NC
30
NC
31
NC
32
NC
33
NC
34
NC
35
S/ON
36
RGB
37
NC
38
NC
39
NC
40
NC
41
NC
42
NC
43
NC
44
NC
45
NC
46
ID0
47
ID1
48
ID2
D0 to D9
Parallel Data Bus D0 LSB , D9 MSB
CLK
Parallel Data clock
RGB
+5v=RGB output 0v=YPbPr output
SON
+5v=Sync on RGB/Y 0v= No sync
ID0,ID1,ID2
Card type identification code.
Card Type Identification code.
CARD TYPE
ID2
ID1
ID0
PI-004
+5v
0V
0V
Ordering codes
Product type
Special variations
Mechanical Package
Requested Options
A,B,C
000 = No option fitted
Note: This item is NOT aqueous washable.
PI-004 A YYY X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com