Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR310 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SR310
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR310 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SR310 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR310 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SR302 THRU SR310
CURRENT
3.0 Ampere
FEATURES
•
Fast switching
•
Low forward voltage
•
Low power loss for high efficiency
•
High surge capability
•
High temperature soldering guaranteed
250℃/10 seconds,0.373”(9.5mm)lead length
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Lead: solderable per MIL-STD-202E
method 208C
•
Polarity: Color band denoted cathode end
•
Mounting position: Any
•
Weight: 0.042 ounce, 1.19 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SR302
SR303
SR304
SR305
SR306 SR308 SR310
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
Volts
Maximum Average Forward Rectified Current
0.375″(9.5mm) lead length ,(Note 1)
TL =100℃
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
80
Amps
Maximum Instantaneous Forward Voltage @ 3.0A
VF
0.55
0.75
0.85
Volts
TA = 25℃
0.5
Maximum DC Reverse Current at rated
DC Blocking Voltage per element
(Note 1)
TA = 125℃
IR
30
mA
Typical Junction Capacitance(measured at 1.0Hzand
applied reverse voltage of 4.0V)
CJ
250
pF
Typical Thermal Resistance (NOTE 2)
RθJA
15
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Pulse test:300μs pulse width,1%duty cycle
2. Thermal resistance from junction to ambient P.C.B. mounted with 0.375”(9.5mm)lead length with 2.5”×2.5”(63.5×63.5cm)
copper pads
Dimensions in inches and (millimeters)
DO-27


Similar Part No. - SR310

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR310 MOSPEC-SR310 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Jinan Gude Electronic D...
SR310 JGD-SR310 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR310 WTE-SR310 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
SR310 TSC-SR310 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR310 TSC-SR310 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com