Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB150 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SMB150
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMB150 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SMB150 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMB150 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMB150 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMB150 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMB5.0 THRU SMB170CA
Peak Pulse Power
600 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted)
Device Marking
Code
Breakdown
Voltage V(BR)
(Volts) (Note 1 )
Device
Type
UNI
BI
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage ID
at VWM
(μA)(Note3)
Maximum
Peak Pulse
Surge
Current IPPM
(Note 2)(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
SMB5.0
5V0
5V0C
6.4
7.82
10
5
800
62.5
9.6
SMB5.0A
5V0A
5V0C
A
6.4
7.07
10
5
800
65.2
9.2
SMB6.0
6V0
6V0C
6.67
8.15
10
6
800
52.3
11.4
SMB6.0A
6V0A
6V0C
A
6.67
7.37
10
6
800
58.3
10.3
SMB6.5
6V5
6V5C
7.22
8.82
10
6.5
500
48.8
12.3
SMB6.5A
6V6A
6V6C
A
7.22
7.98
10
6.5
500
53.6
11.2
SMB7.0
7V0
7V0C
7.78
9.51
10
7
200
45.1
13.3
SMB7.0A
7V0A
7V0C
A
7.78
8.6
10
7
200
50
12
SMB7.5
7V5
7V5C
8.33
10.2
1
7.5
100
42
14.3
SMB7.5A
7V5A
7V5C
A
8.33
9.21
1
7.5
100
46.5
12.9
SMB8.0
8V0
8V0C
8.89
10.9
1
8
50
40
15
SMB8.0A
8V0A
8V0C
A
8.89
9.83
1
8
50
44.1
13.6
SMB8.5
8V5
8V5C
9.44
11.5
1
8.5
20
37.7
15.9
SMB8.5A
8V5
A
8V5C
A
9.44
10.4
1
8.5
20
41.7
14.4
SMB9.0
9V0
9V0C
10
12.2
1
9
10
35.5
16.9
SMB9.0A
9V0A
9V0C
A
10
11.1
1
9
10
39
15.4
SMB10
10V
10VC
11.1
13.6
1
10
5
31.9
18.8
SMB10A
10VA
10VC
A
11.1
12.3
1
10
5
35.3
17
SMB11
1V1
11VC
12.2
14.9
1
11
5
29.9
20.1
SMB11A
11VA
11VC
A
12.2
13.5
1
11
5
33
18.2
SMB12
12V
12VC
13.3
16.3
1
12
5
27.3
22
SMB 12A
12VA
12VC
A
13.3
14.7
1
12
5
30.2
19.9
SMB13
13V
13VC
14.4
17.6
1
13
5
25.2
23.8
SMB13A
13VA
13VC
A
14.4
15.9
1
13
5
27.9
21.5
SMB14
14V
14VC
15.6
19.1
1
14
5
23.3
25.8
SMB14A
14VA
14VC
A
15.6
17.2
1
14
5
25.9
23.2
SMB15
15V
15VC
16.7
20.4
1
15
5
22.3
26.9
SMB15A
15VA
15VC
A
16.7
18.5
1
15
5
24.6
24.4
SMB16
16V
16VC
178
21.8
1
16
5
20.8
28.8
SMB16A
16VA
16VC
A
178
19.7
1
16
5
23.1
26
SMB17
17V
17VC
18.9
23.1
1
17
5
19.7
30.5
SMB17A
17VA
17VC
A
18.9
20.9
1
17
5
21.7
27.6
SMB18
18V
18VC
20
24.4
1
18
5
18.6
32.2
SMB18A
18VA
18VC
A
20
22.1
1
18
5
20.5
29.2
SMB20
20V
20VC
22.2
27.1
1
20
5
16.8
35.8
SMB20A
20VA
20VC
A
22.2
24.5
1
20
5
18.5
32.4
SMB22
22V
22VC
24.4
29.8
1
22
5
15.2
39.4
SMB22A
22VA
22VC
A
24.4
26.9
1
22
5
16.9
35.5
SMB24
24V
24VC
26.7
32.6
1
24
5
14
43
SMB24A
24VA
24VC
A
26.7
29.5
1
24
5
15.4
38.9
SMB26
26V
26VC
28.9
35.3
1
26
5
12.9
46.6
SMB26A
26VA
26VC
A
28.9
31.9
1
26
5
14.3
42.1
SMB28
28V
28VC
31.1
38
1
28
5
12
50
SMB28A
28VA
28VC
A
31.1
34.4
1
28
5
13.2
45.4
SMB30
30V
30VC
33.3
40.7
1
30
5
11.2
53.5
SMB30A
30VA
30VC
A
33.3
.36.8
1
30
5
12.4
4.4
SMB33
33V
33C
36.7
44.9
1
33
5
10.2
59
SMB33A
33VA
33VC
A
36.7
40.6
1
33
5
11.3
53.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com