Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD800-DC Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # LD800-DC
Description  LambdaDriver Chassis - DWDM/CWDM Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

LD800-DC Datasheet(HTML) 2 Page - MRV Communications, Inc.

  LD800-DC Datasheet HTML 1Page - MRV Communications, Inc. LD800-DC Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV-LD-Chass
Rev. 2
05-08
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
Product
Description
LD1600 Platform
LD1600
Lambda Driver-1600, 16 “short slots” and 6 “Long slots” Chassis without power supply
Lambda Driver-1600, 16 “short slots” and 6 “Long slots” Chassis without power supply
LD1600RN
Lambda Driver-1600 ,16 “short slots” and 6 “Long slots” NEBS Certified Chassis without power supply
Lambda Driver-1600 ,16 “short slots” and 6 “Long slots” NEBS Certified Chassis without power supply
EM1600-PS/AC
AC power supply for the LD1600 (90-240V AC)
AC power supply for the LD1600 (90-240V AC)
EM1600-PS/DC
DC power supply for the LD1600 - (48V DC)
DC power supply for the LD1600 - (48V DC)
LD800 Platform
LD800/AC
Lambda Driver-800, 11 “short slots” Chassis with single AC power supply (90-240V AC)
Lambda Driver-800, 11 “short slots” Chassis with single AC power supply (90-240V AC)
LD800/DC
Lambda Driver-800, 11 “short slots” Chassis with single DC power supply (48V DC)
Lambda Driver-800, 11 “short slots” Chassis with single DC power supply (48V DC)
LD800/2AC
Lambda Driver-800, 11 “short slots” Chassis with dual power AC supply (90-240V AC)
Lambda Driver-800, 11 “short slots” Chassis with dual power AC supply (90-240V AC)
LD800/2DC
Lambda Driver-800, 11 “short slots” Chassis with dual power DC supply (48V DC)
Lambda Driver-800, 11 “short slots” Chassis with dual power DC supply (48V DC)
EM800-PS/AC
Redundant power supply for the LD800/AC (90-240V AC)
Redundant power supply for the LD800/AC (90-240V AC)
EM800-PS/DC
Redundant power supply for the LD800/DC (48V DC)
Redundant power supply for the LD800/DC (48V DC)
LD800P/AC
Lambda Driver-800, 11 “short slots” Chassis with high power single AC power supply (90-240V AC)
Lambda Driver-800, 11 “short slots” Chassis with high power single AC power supply (90-240V AC)
LD800P/DC
Lambda Driver-800, 11 “short slots” Chassis with high power single DC power supply (48V DC)
Lambda Driver-800, 11 “short slots” Chassis with high power single DC power supply (48V DC)
LD800P/2AC
Lambda Driver-800, 11 “short slots” Chassis with high power dual AC power supply (90-240V AC)
Lambda Driver-800, 11 “short slots” Chassis with high power dual AC power supply (90-240V AC)
LD800P/2DC
Lambda Driver-800, 11 “short slots” Chassis with high power dual DC power supply (48V DC)
Lambda Driver-800, 11 “short slots” Chassis with high power dual DC power supply (48V DC)
EM800P-PS/AC
High power redundant power supply for the LD800/AC (90-240V AC)
High power redundant power supply for the LD800/AC (90-240V AC)
EM800P-PS/DC
High power redundant power supply for the LD800/DC (48V DC)
High power redundant power supply for the LD800/DC (48V DC)
LD400 Platform
LD400/AC
Lambda Driver-400, 5 “short slots” Chassis for WDM with single AC power supply (90-240V AC)
Lambda Driver-400, 5 “short slots” Chassis for WDM with single AC power supply (90-240V AC)
LD400/DC
Lambda Driver-400, 5 “short slots” Chassis for WDM with single DC power supply (48V DC)
Lambda Driver-400, 5 “short slots” Chassis for WDM with single DC power supply (48V DC)
LD400RN/DC
Lambda Driver-400, NEBS certified, 5 “short slots” Chassis with single DC power supply (48V DC).
Lambda Driver-400, NEBS certified, 5 “short slots” Chassis with single DC power supply (48V DC).
LD400L/AC
Lambda Driver-400, 2 “long” and one “short” slots Chassis for WDM with single AC power supply (90-240V AC).
Lambda Driver-400, 2 “long” and one “short” slots Chassis for WDM with single AC power supply (90-240V AC).
LD400L/DC
Lambda Driver-400, 2 “long” and one “short” slots Chassis for WDM with single DC power supply (48V DC).
Lambda Driver-400, 2 “long” and one “short” slots Chassis for WDM with single DC power supply (48V DC).
LD400/2AC
Lambda Driver-400, 5 “short slots” Chassis for WDM with dual power AC supply (90-240V AC)
Lambda Driver-400, 5 “short slots” Chassis for WDM with dual power AC supply (90-240V AC)
LD400/2DC
Lambda Driver-400, 5 “short slots” Chassis for WDM with dual power DC supply (48V DC)
Lambda Driver-400, 5 “short slots” Chassis for WDM with dual power DC supply (48V DC)
LD400RN/2DC
Lambda Driver-400, NEBS certified, 5 “short slots” Chassis with single DC power supply (48V DC).
Lambda Driver-400, NEBS certified, 5 “short slots” Chassis with single DC power supply (48V DC).
LD400L/2AC
Lambda Driver-400, 2 “long” and one “short” slots Chassis for WDM with dual AC power supply (90-240V AC).
Lambda Driver-400, 2 “long” and one “short” slots Chassis for WDM with dual AC power supply (90-240V AC).
LD400L/2DC
Lambda Driver-400, 2 “long” and one “short” slots slot Chassis for WDM with dual DC power supply (48V DC).
Lambda Driver-400, 2 “long” and one “short” slots slot Chassis for WDM with dual DC power supply (48V DC).
EM400-PS/AC
Redundant power supply for the LD400/AC (90-240V AC)
Redundant power supply for the LD400/AC (90-240V AC)
EM400-PS/DC
Redundant power supply for the LD400/DC (48V DC)
Redundant power supply for the LD400/DC (48V DC)
Passive Chassis
LDP300
3 slot passive unit for OADM’s
3 slot passive unit for OADM’s
LDP300L
One “long” and one “short” slots passive unit for OADMS
One “long” and one “short” slots passive unit for OADMS
LDP100
1 slot passive unit for OADM’s
1 slot passive unit for OADM’s
Lambda Driver-800, 11 “short slots” Chassis with high power dual DC power supply (48V DC)
Lambda Driver-800, 11 “short slots” Chassis with high power dual DC power supply (48V DC)
High power redundant power supply for the LD800/AC (90-240V AC)
Operating Temperature
0 to 45o C
Storage Temperature
-10 to 70o C
Relative Humidity
85% maximum, non-condensing
Dimensions (W x H x D)
LD1600:
Height: 11.5 U Size (W x D X H) 445.5 x 299 x 510.4 mm (17.54x 11.77 x 20.09 inch)
LD800/LD800P: Height: 4.5 U Size (W x D x H) 445.5 x 267 x 199.2 mm (17.54 x 10.51 x 7.84 inch)
LD400:
Height: 2 U
Size (W x D x H) 443 x 328.2 x 88.01 mm (17.44 x 12.92 x 3.47 inch)
LD400:
Height: 2 U
Size (W x D x H) 443 x 328.2 x 88.01 mm (17.44 x 12.92 x 3.47 inch)
Weight
LD400: 4.500 kg (9.92 lb)
LD800/LD800P: 8.600 kg (18.16 lb)
LD1600: 16.700 kg (36.42 ld)
Mounting
19-inch rack mount - EIA RS-310C standard
Power Input Voltage
AC: 90 - 240 V, 50 - 60 Hz
DC: 36 - 72 V
Power Consumption (Max. Chassis Capacity)
LD400: 70 W max
LD400L: 150 W
LD800: 160 W max
LD800P: 220 W max
LD1600: 400 W max.
Standard Compliance
Safety,EMC;UL - 1950,;CSA - 22.2 No.950;FCC part 15 Class A;CE - 89/336/EEC,73/23/EEC
Capacity
LD400 - 5 slots LD400L - 3 slots LD800/LD800P - 11 slots LD1600 - 22 slots
Technical Specifications
Environmental



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com