Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRB340 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SRB340
Description  SURFACE MOUNT BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRB340 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SRB340 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRB340 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SRB320 THRU SRB3100
CURRENT
3.0 Ampere
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief
•
Metal to silicon rectifier ,majority carrier conduction
•
Low power loss, high efficiency
•
High current capability ,low VF
•
High surge capacity
•
For use in low voltage high frequency inverters,
Free wheeling ,and polarity protection applications
•
High temperature soldering guaranteed:
260℃/10seconds at terminals
MECHANICAL DATA
•
Case: D-PAK/TO-252AA molded Plastic
•
Terminals :Solder plated solderable per MIL-STD-750,
METHOD 2026
•
Polarity: Color band denotes cathode
•
Standard packaging: 16mm tape (EIA-481)
•
Weight: 0.015 ounce,0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified.
•
Resistive or inductive load
SYMBOLS
SRB320
SRB330
SRB340
SRB350
SRB360
SRB380
SRB3100
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
Volts
Maximum Average Forward Rectified Current
at TC=80℃
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3mS single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
80
Amps
Maximum Instantaneous Forward Voltage @
3.0A(Note1)
VF
0.55
0.75
0.85
Volts
TA = 25℃
0.5
Maximum DC Reverse Current
(Note1) at rated DC blocking voltage
TA = 100℃
IR
15.0
mA
RθJC
6.0
Typical Thermal Resistance (Note 2)
RθJA
80.0
℃
/W
Typical Junction Capacitance
Cj (Note 3)
CJ
400
pF
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1.
Pulse test with PW=300μsec,2% duty cycle
2.
mounted on P.C. Board with 14mm2(.013mm thick) copper pad areas
3.
Measured at f=1.0MHz and VR=4V
D-PAK/TO-252AA
D-PAK


Similar Part No. - SRB340

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB30100C MIC-SRB30100C Datasheet
52Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB3020C MIC-SRB3020C Datasheet
52Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB3030C MIC-SRB3030C Datasheet
52Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB3035C MIC-SRB3035C Datasheet
52Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB3040C MIC-SRB3040C Datasheet
52Kb / 2P
SCHTTKY BARRIER RECTIFIER
More results

Similar Description - SRB340

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS22 ZOWIE-SS22 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Central Semiconductor C...
CXSH-4 CENTRAL-CXSH-4 Datasheet
101Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD22 ZOWIE-SCD22 Datasheet
123Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
FM5817L RECTRON-FM5817L Datasheet
319Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
FM390B RECTRON-FM390B Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
S5820 BILIN-S5820 Datasheet
95Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
USCD024R ZOWIE-USCD024R Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
FM220A RECTRON-FM220A Datasheet
33Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SRB620 MIC-SRB620 Datasheet
49Kb / 2P
SURFACE MOUNT BARRIER RECTIFIER
SRB820 MIC-SRB820 Datasheet
49Kb / 2P
SURFACE MOUNT BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com