Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRL3030P Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRL3030P
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRL3030P Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRL3030P Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRL3030P Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
30 to 60 Volts
SRL3030P THRU SRL3060P
CURRENT
30.0 Amperes
RATINGE AND CHARACTERISTIC CURVES SRL3030P THRU SRL3060P
R
C
F
V
℃
PERCENT OF RATED REVERSE VOLTAGE,( % )
NUMBER OF CYCLES AT 60 Hz
V ,REVERSE VOLTAGE( v)
V ,INSTANTANEOUS FORWARD VOLTAGE( )
T ,CASE TMPERSTRUE(
)
FIG.5-TYPICAL REVERSE
CHARACTERISTICS
FIG4 TYPICAL JUNCTION CAPACITANCE
PER ELEMENT
FIG.3 MAX NON-REPETITIVE SURGE CURRENT
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-FORWARD CURRENT
DERATING CURVE
8.3ms Single Half Sine-Wave
JEDEC Method
T =75
℃
C
T =25
℃
C
T =100
℃
C
T =25
℃
j
2% duty cycle
μ
Pulse Width=300 s
j
T =25
℃
SRL3050P-SRL3060P
SRL3030P-SRL3045P
100
10
1.0
0.1
0.01
120
80
40
0
300
250
200
150
100
50
0
100
10
1
100
10
1.0
0.1
100
1000
4000
100
10
1.0
0.1
100
50
150
0
30
24
18
12
6
0
0.2
0.4
0.6
0.8
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com