Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRL5035P Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SRL5035P
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRL5035P Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SRL5035P Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRL5035P Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
30 t o 60 Volts
SRL5030P THRU SRL5060P
CURRENT
50.0 Amperes
FEATURES
•
Schottky Barrier Chip
•
Guard Ring Die Construction for
Transient Protechion
•
Low Power Loss, High efficiency
•
High Surge Capability
•
High Current capacity and Low Forward
Voltage Drop
•
For use in low voltage high frequency inverters,
Free wheeling, and polarity protection applications
•
Plastic Material has UL Flammability
Classification 94V-0
MECHANICAL DATA
•
Case: TO-3P(TO-247AD) molded plastic
•
Terminals: Plated Lead solderable per MIL-STD-202
Method 208
•
Polarity: See Diagram
•
Weight: 5.6 grams (approx)
•
Mounting Position: Any
•
Marking: Type Number
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SRL
5030P
SRL
5035P
SRL
5040P
SRL
5045P
SRL
5050P
SRL
5060P
UNIT
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
35
42
V
Average Rectified Output Current (Note
1)@Tc=95℃
IO
50.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
400
A
Forward Voltage Drop @IF=25A,TC=25℃
VFM
0.55
0.65
V
TC = 25℃
5.0
Peak Reverse Current at Rated
DC Blocking Voltage
TC = 100℃
IRM
150
mA
Typical Junction Capacitance(Note2)
Cj
1000
pF
Typical Resistance Junction to case(Note1)
RθJC
2.0
℃
/W
Operating and Storage Temperature Range
TJ TSTG
(-55 to +150)
℃
Notes:
1.
Thermal Resistance Junction to case mounted on heatsink
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC
Dimensions in inches and (millimeters)
TO-3P(TO-247AD)


Similar Part No. - SRL5035P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRL5005-12 ETC-SRL5005-12 Datasheet
75Kb / 4P
DC/DC Switch Mode Regulator SRL 3,3...15 Watt DIL-24
Rev. F / 08.2002
More results

Similar Description - SRL5035P

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRBL1030 MIC-SRBL1030 Datasheet
64Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL1630 MIC-SRBL1630 Datasheet
64Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL2030C MIC-SRBL2030C Datasheet
64Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 MIC-SRFL1030 Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1630 MIC-SRFL1630 Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL2030C MIC-SRFL2030C Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL1030 MIC-SRL1030 Datasheet
59Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL2030C MIC-SRL2030C Datasheet
83Kb / 4P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL4030P MIC-SRL4030P Datasheet
62Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com