Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W02G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # W02G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

W02G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  W02G Datasheet HTML 1Page - MIC GROUP RECTIFIERS W02G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
W005G THRU W10G
CURRENT
1.5 Amperes
FEATURES
•
Plastic package has underwriters laboratory
•
Flammability classification 94V-0
•
Glass passivated ship junction
•
High case dielectric strength
•
High surge current capability
•
Ideal for printed circuit boards
•
High temperature soldering guaranteed 260℃/10 seconds,
0.375” (9.5mm) lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
•
Case: Epoxy, Molded Plastic body over passivated Junction
•
Terminal: Plated leads solderable per MIL-STD-750
method 2026
•
Mounting position: Any
•
Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
SYMBOLS W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output,
Current at TA=25℃ (Note 1)
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
40
Amps
Rating for Fusing (t<8.3ms)
I
2t
10
A
2S
Maximum Instantaneous Forward Voltage Drop
Per element at 1.0A DC
VF
1.0
Volts
TA = 25℃
5.0
µA
Maximum Average Reverse Current at
rated DC Blocking Voltage
TA = 125℃
IR
500.0
µA
Typical Junction Capacitance per leg at 4.0V, 1MHz
CJ
14
pF
RθJL
14
Typical Thermal Resistance
(NOTE 1)
RθJA
36
℃
/W
Operating Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Thermal resistance from junction to lead at 0.375”(9.5mm) lead length P.C.B. mounting.


Similar Part No. - W02G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W02G PANJIT-W02G Datasheet
49Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W02G WTE-W02G Datasheet
52Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
W02G FAIRCHILD-W02G Datasheet
163Kb / 3P
1.5 Ampere Glass Passivated Bridge Rectifiers
logo
Shanghai Lunsure Electr...
W02G CHENYI-W02G Datasheet
193Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W02G DIODES-W02G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
More results

Similar Description - W02G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com