Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13518-R005 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # 13518-R005
Description  PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

13518-R005 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  13518-R005 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series 100 resistors offer exceptional performance at an economical
cost. Superior stability results from welded construction and windings of
premium grade resistance wire on thermally conductive ceramic cores.
Hi-temp coating provides excellent environmental protection and solvent
resistance. Tin (or SnPb) coated copper or copperweld leads offer
excellent solderabilty and extended shelf life.
PULSE CAPABILITY: Excellent pulse capability results from wirewound
construction. The pulse/overload capability can often be economically
enhanced by a factor of 50% or more via special Option P processing.
Pulse capability is highly dependent on size and resistance value, consult
factory (available up to 500 joules).
100 SERIES
PRECISION POWER WIREWOUND RESISTORS
SILICONE COATED 1/2 WATT TO 50 WATT
World’s widest range of axial lead WW resistors! 0.005
Ω to 2MΩ,
tolerances to ±0.005%, 1/2W to 50W, numerous design options
Low cost! Available on exclusive SWIFTTM delivery program
TYPICAL PERFORMANCE10
FA039G Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
1
Working voltage= (PR)1/2, not to exceed max rating (multiply by 0.7 for Opt.X). 2 Allow .032” additional for Opt X or values <1
Ω 3Coating overflow onto each lead ≤2xD 4Until existing inventory is depleted, type 175 may
be .397” [10mm] dia.x 1.81 [46] long with 1.3”[33] lead length 5 Military p/n’s are given for reference only and do not imply qualification or exact interchangeability. 6 Increased range avail. 7 Resis. value measured at 3/8”
±1/16” from each end of body 8 Heavier lead gauge option is recommended on low values to enable lower leadwire resis., increased current, and improved TC 9 Lead length applies to bulk packaged units (taped parts may
be shorter, refer to taping spec.) 10 Dependent on value, options, etc
INDUCTANCE: small sizes have inductance of 1- 50uH typ. Larger sizes
and higher values typically have greater levels. For non-inductive design,
specify Opt. X. The max. series inductance for Opt.X resistors at 0.5MHz
is listed in table (per MIL-R-39007). Specialty
constructions are available for even lower
inductance levels (Opt.75 inductance =
50% of Opt.X, Opt.76 = 33% of Opt.X).
OPTIONS
Option X: Low Inductance
Option P: Increased Pulse Capability
Option F: Flameproof Coating
Option ER: 100-Hour Burn-In
Option B: Increased Power
Radial leads (opt.R), low thermal emf (opt.E), matched sets, special
marking, cut &formed leads, hi-rel screening, non-standard values,
high voltage, etc. Customized components are RCD’s speciality!
C2
1.375” Min9
Type 102 is 1.1”
↑
A3
D
↓
D
C
R
e
p
y
T
L
I
M
e
p
y
T
5
e
g
a
t
t
a
W
.
d
t
S
s
g
n
i
t
a
R
e
g
a
t
t
a
W
B
.
t
p
O
s
g
n
i
t
a
R
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
7
,
6
m
u
m
i
x
a
M
e
g
a
t
l
o
V
g
n
i
t
a
R
6
,
1
]
m
m
e
r
a
s
t
e
k
c
a
r
b
n
i
s
r
e
b
m
u
N
[
S
N
O
I
S
N
E
M
I
D
A 3
C2
D8
]
8
0
.
[
3
0
0
.
±
V
.
r
a
h
C
U
.
r
a
h
CV
.
r
a
h
C
U
.
r
a
h
C]
8
5
.
1
[
2
6
0
.
±]
1
8
.
[
2
3
0
.
±.
d
t
Sl
a
n
o
i
t
p
O
2
0
1-
8
.
0
5
.
00
.
1
8
.
01
0
.
Ω
K
2
-V
0
36
1
.0
.
±.
4
[
38
.
±]
7
0
.0
.
±8
.
1
[
2± ]
5
.0
2
0
.-
0
1
1)
B
0
1
1
(
1
8
W
R0
.
1
8
.
00
.
2
5
.
11
0
.
Ω
K
8
-V
0
42
.]
8
.
±
.
6
[
3
0
.
±
4]
6
1
.
2
[
5
8
0
.0
2
0
.)
2
2
.
t
p
o
(
4
2
0
.
5
1
1-
2
.
1
0
.
10
.
2
5
.
11
0
.
Ω
K
2
1
-V
5
4]
2
9
.
7
[
2
1
3
.]
6
1
.
2
[
5
8
0
.0
2
0
.)
2
2
.
t
p
o
(
4
2
0
.
0
2
1-
2
.
1
0
.
1-
-1
0
.
Ω
K
5
1
-V
0
5]
4
7
.
8
[
4
4
3
.]
6
3
.
2
[
3
9
0
.0
2
0
.)
2
2
.
t
p
o
(
4
2
0
.
5
2
1
)
0
8
W
R
B
5
2
1
(
0
7
W
R
8
.
1
5
.
1
5
.
2
0
.
2
1
0
.
Ω
K
0
2
-
V
5
5
]
3
.
0
1
[
6
0
4
.
]
6
3
.
2
[
3
9
0
.
0
2
0
.
)
2
2
.
t
p
o
(
4
2
0
.
0
3
1-
0
.
2
6
.
1-
-1
0
.
Ω
K
2
2
-V
5
6]
5
.
3
1
[
0
3
5
.]
6
3
.
2
[
3
9
0
.0
2
0
.)
2
2
.
t
p
o
(
4
2
0
.
3
3
1-
0
.
3
0
.
20
.
4
0
.
35
0
0
.
Ω
K
0
2
-V
0
8]
0
0
.
9
[
5
5
3
.]
6
9
.
3
[
6
5
1
.2
3
0
.)
2
2
.
t
p
o
(
4
2
0
.
5
3
1
9
6
W
R
0
.
4
0
.
3
0
.
5
0
.
4
5
0
0
.
Ω
K
0
4
-
V
0
4
1
]
7
.
2
1
[
0
0
5
.
]
8
7
.
4
[
8
8
1
.
2
3
0
.
)
8
1
(
0
4
0
.
,
)
2
2
(
4
2
0
.
0
4
19
7
W
R0
.
4
0
.
30
.
5
0
.
45
0
0
.
Ω
K
0
5
-V
0
4
1]
2
.
4
1
[
0
5
5
.]
8
7
.
4
[
8
8
1
.2
3
0
.)
8
1
.
t
p
o
(
0
4
0
.
5
4
1-
5
.
4
5
.
35
.
6
5
.
45
0
0
.
Ω
K
0
6
-V
0
8
1]
6
.
9
1
[
0
7
7
.]
8
7
.
4
[
8
8
1
.2
3
0
.)
8
1
.
t
p
o
(
0
4
0
.
0
5
1-
5
.
4
5
.
30
.
7
0
.
55
0
0
.
Ω
K
0
6
-V
0
5
1]
7
.
2
1
[
0
0
5
.]
2
7
.
5
[
5
2
2
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
5
5
1-
0
.
5
0
.
40
.
8
0
.
65
0
0
.
Ω
K
0
0
1
-V
0
1
2]
9
.
5
1
[
5
2
6
.]
2
7
.
5
[
5
2
2
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
6
5
1-
0
.
6
0
.
5-
-5
0
0
.
Ω
K
0
5
1
-V
0
0
3]
3
.
0
2
[
0
0
8
.]
5
3
.
6
[
0
5
2
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
0
6
1
4
7
W
R
0
.
7
0
.
5
0
1
0
.
7
5
0
0
.
Ω
K
0
0
2
-
V
0
0
4
]
2
.
2
2
[
5
7
8
.
]
2
9
.
7
[
2
1
3
.
0
4
0
.
)
0
2
.
t
p
o
(
2
3
0
.
5
6
17
6
W
R5
.
7
0
.
6-
-5
0
0
.
Ω
K
0
2
2
-V
0
5
4]
4
.
5
2
[
0
0
0
.
1]
2
9
.
7
[
2
1
3
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
0
7
1-
0
.
9
0
.
72
1
0
15
0
0
.
Ω
K
0
0
3
-V
0
5
5]
9
.
0
3
[
0
0
2
.
1]
2
9
.
7
[
2
1
3
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
1
7
1-
5
.
8
0
.
7-
-5
0
0
.
Ω
K
0
5
2
-V
0
0
7]
2
.
2
4
[
0
6
6
.
1]
8
2
.
5
[
8
0
2
.2
3
0
.)
8
1
.
t
p
o
(
0
4
0
.
2
7
1-
0
1
5
.
8-
-5
0
0
.
Ω
K
0
0
4
-V
0
0
9]
3
.
3
5
[
0
0
1
.
2]
2
7
.
5
[
5
2
2
.2
3
0
.)
8
1
.
t
p
o
(
0
4
0
.
3
7
1-
1
1
0
.
94
1
2
15
0
0
.
Ω
K
0
0
4
-V
0
5
6]
4
.
9
3
[
0
5
5
.
1]
2
6
.
7
[
0
0
3
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
5
7
1
4
8
7
,
8
6
W
R
3
1
0
1
8
1
5
1
5
0
0
.
Ω
K
0
0
5
-
V
0
0
9
0
2
7
.
1
4
]
7
.
3
4
[
0
5
3
.
4
]
9
8
.
8
[
0
4
0
.
)
0
2
.
t
p
o
(
2
3
0
.
6
7
1-
2
1
0
1-
-5
0
0
.
Ω
K
0
0
5
-V
0
0
8]
6
.
7
4
[
5
7
8
.
1]
2
6
.
7
[
0
0
3
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
8
7
1-
5
1
3
1-
-1
0
.
Ω
K
0
5
7
-V
0
5
1
1]
2
.
1
6
[
0
1
4
.
2]
9
8
.
8
[
0
5
3
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
0
8
16
5
W
R6
1
4
10
2
6
11
0
.
Ω
K
0
0
8
-V
0
0
0
1]
3
.
3
5
[
0
0
1
.
2]
7
.
2
1
[
0
0
5
.0
4
0
.-
5
8
1-
5
2
0
2-
-5
1
0
.
Ω
M
1
-V
0
5
3
1]
1
.
1
7
[
0
0
8
.
2]
7
.
2
1
[
0
0
5
.0
4
0
.-
6
8
1-
0
3
5
20
1
0
.
Ω
M
1
-V
0
0
4
1]
3
0
1
[
0
6
0
.
4]
9
8
.
8
[
0
5
3
.0
4
0
.)
0
2
.
t
p
o
(
2
3
0
.
0
9
1-
0
5
0
4-
-5
2
0
.
Ω -M
2V
0
0
5
1]
7
2
1
[
0
0
0
.
5]
7
.
2
1
[
0
0
5
.0
4
0
.-
)
U
.
r
a
h
C
(
e
f
i
L
d
a
o
L)
W
0
1
>
s
e
z
i
s
n
o
%
1
±
(
%
5
.
0
±
k
c
o
h
S
l
a
m
r
e
h
T%
2
.
0
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
2
.
0
±
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
1
.
0
±
c
e
S
5
,
d
a
o
l
r
e
v
O0
9
1
-
0
6
1
W
x
0
1
,
6
5
1
-
2
0
1
W
d
e
t
a
r
x
5
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
3
3
.
t
p
o
y
f
i
c
e
p
s
V
K
1
r
o
f
(
V
0
0
5
d
e
e
c
x
e
o
t
t
o
n
(
t
n
e
r
r
u
C
.
x
a
M
)
g
n
i
t
a
r
e
g
a
t
l
o
v
r
o
e
g
a
t
t
a
w
,
A
1
1
=
s
d
a
e
l
a
i
d
"
0
2
0
.
h
t
i
w
s
r
o
t
s
i
s
e
R
A
0
3
=
"
0
4
0
.
,
A
2
2
=
"
2
3
0
.
,
A
5
1
=
"
4
2
0
.
)
C
°
/
m
p
p
(
C
T
≥ 0
1
Ω
1
Ω
9
.
9
-
Ω
1
.
0
Ω
9
9
.
-
Ω
5
0
.
Ω .-9
9
0
Ω
1
0
.
Ω .-9
4
0
Ω
)
.
l
i
a
v
a
m
p
p
0
1
&
5
(
m
p
p
0
2
)
.
l
i
a
v
a
m
p
p
0
3
,
0
2
,
0
1
(
m
p
p
0
5
)
.
l
i
a
v
a
m
p
p
0
5
,
0
3
,
0
2
(
m
p
p
0
9
)
.
l
i
a
v
a
m
p
p
0
0
2
,
0
0
1
,
0
5
(
m
p
p
0
0
3
)
.
l
i
a
v
a
m
p
p
0
0
3
,
0
0
2
,
0
0
1
(
m
p
p
0
0
6
e
p
y
T
D
C
R
≤ 0
5
Ω
0
5
>
Ω
X
0
4
1
-
X
2
0
1H
µ
2
.
0H
µ
7
3
.
0
X
0
6
1
-
X
5
4
1H
µ
3
.
0H
µ
6
.
0
X
8
7
1
-
X
5
6
1H
µ
5
6
.
0H
µ
2
.
1
RESISTORS CAPACITORS COILS DELAY LINES
Stock
Stock
Stock
Stock
DERATING (derate W/V/A ratings when ambient temp. exceeds 25°C):
Char. U is the max. power for ±0.5% typ. load life stability & 275°C
hotspot, Char. V is max. power for ±3% stability & 350°C hotspot
P/N DESIGNATION:
135
- 102 - J B
W
Resis. Code 1% & tighter tols: 3 signif. digits & multiplier,
e.g. R100= 0.1
Ω, 1R00= 1Ω,1000= 100Ω, 1001= 1KΩ.
2%-10%: 2digits & multiplier (R10= .1
Ω, 1R0=1Ω,100=10Ω,102=1K)
Use extra digits as needed: R005, R0075, R012, etc.
Optional TC: 5= 5ppm, 10= 10ppm, 20= 20ppm, 30= 30ppm,
50= 50ppm, 101= 100ppm, 201=200ppm (leave blank if std)
RCD Type
Options: X, R, V, P, F, ER, E, B, 76, 75, 22, 20, 18
(leave blank if standard)
Tolerance: K=10%, J=5%, H=3%, G=2%, F=1%, D=0.5%,
C=0.25%, B=0.1%, A=0.05%, Q=0.02%, T=0.01%, V=.005%
Packaging: B= Bulk, T= T&R (avail. on type 102 to 176)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
AMBIENT TEMPERATURE ( °C )
-65
25
50
75
100
125
150
175
200
225
250
275
300
325
350
100
75
50
25
0
CHAR. V
CHAR. U
Tol <0.1%
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
43
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - 13518-R005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351812 ETC2-1351812 Datasheet
98Kb / 3P
22 AWG stranded (19x34) silver-plated copper conductors, cabled and color-coded
1351827 ETC2-1351827 Datasheet
101Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene
1351870 ETC2-1351870 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1351875 ETC2-1351875 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polypropylene insulation, twisted pairs
More results

Similar Description - 13518-R005

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
Vishay Siliconix
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
CMS VISHAY-CMS Datasheet
123Kb / 4P
Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
24-Mar-15
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com