Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-30LCDA-4/20S-C. Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-30LCDA-4/20S-C.
Description  Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30LCDA-4/20S-C. Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-30LCDA-4/20S-C. Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPERATING AND SETUP INSTRUCTIONS
Performance/Functional Specifications
Typical at TA = +25°C, unless otherwise noted.
➀
The DMS-30LCDA-4/20 can withstand continuous overcurrents, including those
resulting from accidental reverse-polarity connections, up to ±40mA without
sustaining any damage.
➁
Because Murata Power Solution’s DMS Series loop-powered process monitors
employ active circuitry to convert the loop current into a voltage, their effective
series impedance (loop burden) varies in a manner that maintains the loop volt-
age drop relatively constant over the full 4-to-20mA current range. Listed burden
specification applies at 20mA.
➂
When looking up DIP-switch settings in the Tables and the desired display read-
ings can be achieved with either of two different settings, using the higher setting
number will usually result in less sensitive offset (R3) and span (R7) adjustments.
Please keep in mind that the DMS-30LCDA standard meter from which the DMS-
30LCDA-4/20 is derived has an accuracy specification of ±2 counts (max.). Thus,
it may not always be possible to obtain the exact desired display reading.
DMS-30LCDA-4/20S**
Unipolar reading, loop-powered LCD meter
DMS-30LCDA-4/20B
Bipolar reading, loop-powered LCD meter
DMS-30LCDA-4/20P
Positive reading, loop-powered LCD meter
DMS-30LCDA-4/20I
Inverse reading, loop-powered LCD meter
DMS-BZL1
Bezel assembly
DMS-BZL2
Bezel assembly with sealing gasket
DMS-30-CP
Panel cutout punch
DMS-PS4-CM
+24V/0.45A ac/dc power supply module
DMS-PS7-CM
+24V/0.7A ac/dc power supply module
** Replaces obsolete DMS-30LCD-4/20S model
A panel-mount retaining clip is supplied with each model.
The new DMS-30LCDA-4/20S unipolar-reading model has provisions
to accommodate all the display ranges of the obsolete DMS-30LCD-
4/20S. The “Old Display Readings” column in Table 1 is taken directly
from the DMS-30LCD-4/20S datasheet. Table 1 is provided as a guide
for determining equivalent DMS-30LCDA-4/20S DIP-switch settings in
upgrading existing applications.
Applications that had the obsolete DMS-30LCD-4/20S setup for ‘bipolar’
operation should now use the new DMS-30LCDA-4/20S model con-
figured per Table 1. Bipolar applications are those where a 4mA input
displays a negative number, a 12mA input displays “000”, and a 20mA
input displays a positive number (for example, “-100”, “000” and “100”).
Applications that had the obsolete DMS-30LCD-4/20S setup for ‘unipo-
lar’ operation should now use the new DMS-30LCDA-4/20S configured
per Table 2. Unipolar applications are those where a 4mA input displays
“000” and a 20mA input displays a higher positive number.
Old Display Reading
New DMS-30LCDA-4/20S DIP Switch Setting
4mA 20mA
SW1
SW2
SW3
SW4
SW5
1. 000 to 100-300
Use Setting in Table 2
2. 000 to 400-600
Use Setting in Table 2
3. 000 to 700-1999
Use Setting in Table 2
4. ±100
On
On
On
On
Off
5. ±200 to ±300
Off
Off
On
Off
Off
6. ±400 to ±600
On
Off
Off
Off
Off
7. ±700 to ±1900
Off
Off
Off
Off
On
Table 1. DMS-30LCDA-4/20S DIP Switch Settings for
DMS-30LCD-4/20S Applications
DMS-30LCDA-4/20S (Standard Unipolar-Reading)
The DMS-30LCDA-4/20S’s span and offset circuitry are optimized to
display standard, unipolar readings where a 4mA input always reads
“000” and a 20mA input always displays a higher positive number.
As shipped, the DMS-30LCDA-4/20S is calibrated to read “000” for a
4mA input and “1800” for a 20mA input. These readings are used for
factory test-purposes only. The following worst-case calibration pro-
cedure assumes the DMS-30LCDA-4/20S is completely misadjusted,
i.e., both potentiometers and the DIP switches are randomly set.
The next example below, while specifically tailored for the “000” and
“1800” readings just noted, can also be used as a guide when con-
figuring the DMS-30LCDA-4/20S for other unipolar display readings.
When performing DIP-switch settings, be sure the DIP-switch’s small
actuators are firmly engaged in their fully ON or fully OFF positions.
1. Set R7 (span/gain adjust) and R3 (zero/offset adjust) fully clockwise,
roughly 22 turns, and place SW1-SW8 to OFF.
2. Configure the meter per DIP-switch setting #1 in Table 2.
3. Apply a precision 4mA input with proper polarity and adjust R3 until
the meter’s display reads “000”.
Current Loop Input
Min.
Typ.
Max.
Units
Full Scale Input Range
+3.8
–
+20.4
mA
Loop Burden
–
80
100
Ohms
Voltage Drop
–
1.8
2.0
Volts
Overcurrent Protection
–
–
±40
mA
Performance
Sampling Rate
2.5 reading per second
Accuracy (1 minute warm-up)
±0.05%FS ±1 Count
Temperature Drift
–
±0.15
±0.3
Cnts/°C
Display
Display Type and Size
3½ digit, 0.4"/10.2mm reflective LCD
Polarity Indication
"–" for negative readings
Overrange Indication
"–1_ _ _" for negative inputs
"1_ _ _" for positive inputs
Physical/Environmental
Operating Temperature
0
–
+60
°C
Storage Temperature
–20
–
+75
°C
Humidity (non-condensing)
0
–
85
°C
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
Ordering Information
Important Instructions for Users of Obsolete
DMS-30LCD-4/20S Meters
DMS-30LCDA-4/20 Series
Loop-Powered, 1.8V Drop, 4-20mA Process
Monitors with Full-Size LCD Displays
MPM_DMS30-LCDA.B02 Page 2 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com