Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF219 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF219
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF219 Datasheet HTML 3Page - Micrel Semiconductor MICRF219 Datasheet HTML 4Page - Micrel Semiconductor MICRF219 Datasheet HTML 5Page - Micrel Semiconductor MICRF219 Datasheet HTML 6Page - Micrel Semiconductor MICRF219 Datasheet HTML 7Page - Micrel Semiconductor MICRF219 Datasheet HTML 8Page - Micrel Semiconductor MICRF219 Datasheet HTML 9Page - Micrel Semiconductor MICRF219 Datasheet HTML 10Page - Micrel Semiconductor MICRF219 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Micrel
MICRF219
January 2009
7
M9999-011509
(408) 944-0800
ice
l oscill or
32 times the crystal reference frequency via a
ith a fully integr
re-down
e
p
o
IF signal then passes
er band
ss filter. The IF center fre
W is 330kHz @ 33.92M
B
IF@433.92 MHz ×
suppression of the image frequency at tw
frequency below the wanted signal. The loca
is set to
the IF
at
phase-locked loop synthesizer w
ated
loop filter.
Image-Reject Filter and Band-Pass Filter
The IF ports of the mixer produce quadratu
converted IF signals. These IF signals ar
filtered to remove higher frequency products
image reject filter where they are combined t
image frequencies. The
low-pass
rior to the
reject the
through a
quency is
third ord
pa
1.2MHz. The IF B
4
Hz. This
W can be
varies with RF operating frequency. The IF
calculated via direct scaling:
BWIF = BW
433.92
)
RF 9.
fier s ages
the IF signal to its proper level
e
m
carrier from the IF signal. Post detection, the signal
formation. The prog mmable
seband
e low-pass
z, 13000Hz
W will vary
ted by direct
for filter BW calculation:
BWOperating Freq = BW@433.92MHz*
(MH
Freq
Operating
z
These filters are fully integrated inside the MIC
After filtering, four active gain controlled ampli
enhance
21
t
for
demodulation.
OOK Demodulator
The demodulator section is comprised of
programmable low pass filter, slicer, a
comparator.
Detector and Programmable Low-Pass Filt
The demodulation starts with the detector re
detector,
nd AGC
r
oving the
becomes base band in
ra
low-pass
filter
further
enhances
the
ba
information.
There are four programmabl
filter BW settings: 1625Hz, 3250Hz, 6500H
for 433.92MHz operation. Low pass filter B
with RF Operating Frequency. Filter BW val
easily calcula
ues can be
scaling. See equation below
433.92
(MHz)
Freq
Operating
It is very important to choose filter setting that fits best
the intended data rate to minimize data distortion.
Demod BW is set at 13000Hz @ 433.92MHz as default
(assuming both SEL0 and SEL1 pins are floating). The
low pass filter can be hardware set by external pins
SEL0 and SEL1.
SEL1
Demod BW (@ 434MHz)
SEL0
0
0
1625Hz
1
0
3250Hz
0
1
6500Hz
00Hz
- default
1
1
130
Table 1. Demodulation BW Selection
till AM. The data slicer
s and zeros based on
the threshold voltage built up in the CTH capacitor.
fter
the signal is ASK or OOK digital data.
he
d is default at 50%. The slicing
res
set via serial programming through
s
D5
D6
Slicing Level
Slicer and Slicing Level
The signal, prior to the slicer, is s
converts the AM signal into one
A
the slicer,
T
slicing threshol
th
hold can be
regi ter D5 and D6.
1
0
Slice Level 30%
0
1
Slice Level 40%
1
1
Slice Level 50%
- default
0
0
Slice Level 60%
AGC Comparator
The AGC comparator monitors the signal amplitude
from the output of the programmable low-pass filter.
When the output signal is less than 750mV thresh-hold,
1.5µA current is sourced into the external CAGC
capacitor. When the output signal is greater than
750mV, a 15µA current sink discharges the CAGC
capacitor.
The voltage developed on the CAGC
capacitor acts to adjust the gain of the mixer and the IF
amplifier to compensate for RF input signal level
variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com