Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9984A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9984A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 15Page - NXP Semiconductors TDA9984A Datasheet HTML 16Page - NXP Semiconductors TDA9984A Datasheet HTML 17Page - NXP Semiconductors TDA9984A Datasheet HTML 18Page - NXP Semiconductors TDA9984A Datasheet HTML 19Page - NXP Semiconductors TDA9984A Datasheet HTML 20Page - NXP Semiconductors TDA9984A Datasheet HTML 21Page - NXP Semiconductors TDA9984A Datasheet HTML 22Page - NXP Semiconductors TDA9984A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
19 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
8.1.3 Synchronization
The TDA9984A can be synchronized with external input signals HSYNC and VSYNC or
with extraction of the sync information from embedded sync codes (SAV/EAV) inside the
video.
8.1.3.1
Timing extraction generator
This block can extract the synchronization signals HREF, VREF and FREF from SAV and
EAV in case of embedded synchronization in the data stream.
Synchronization signals can be embedded in YCbCr 4 :2:2 ITU656 (up to 1
× 12-bit)
and semi-planar (up to 2
× 12-bit).
8.1.3.2
Data enable generator
TDA9984A contains a Data Enable (DE) generator. This circuit generates an internal DE
signal for a system which does not provide one. The DE generator is controlled via the
I2C-bus register.
8.1.4 Input and output video format
Due to the flexible video input formatter, the TDA9984A can accept a large range of inputs
formats. This flexibility allows the TDA9984A to be compatible with the maximum number
of MPEG decoders. Moreover, these input formats may be changed in many ways (space
color converter, upsampler and scaler) to be transmitted across the HDMI link.
Table 14 gives the possible inputs and outputs.
8.1.5 Scaler unit
8.1.5.1
Scaler features
The scaler unit has the following features:
• Up-scaling only: to expand input image horizontally and vertically
• Deinterlacer embedded (no need of output memory)
• Data processing: 12-bit data width
Table 14.
Inputs and outputs capability
Input
Scaler
Output
Space color Format
Channels
Space color
Format
Channels
RGB
4:4:4
3
× 8-bit
no scaling
RGB
4:4:4
3
× 8-bit
YCbCr
4:4:4
3
× 8-bit
YCbCr
4:2:2
2
× 12-bit
YCbCr
4 : 4 : 4
3
× 8-bit
no scaling
RGB
4:4:4
3
× 8-bit
YCbCr
4:4:4
3
× 8-bit
YCbCr
4:2:2
2
× 12-bit
YCbCr
4 : 2 : 2
up to 1
× 12-bit
semi-planar
scaling
RGB
4:4:4
3
× 8-bit
YCbCr
4:4:4
3
× 8-bit
YCbCr
4:2:2
2
× 12-bit
up to 2
× 12-bit
semi-planar
scaling
RGB
4:4:4
3
× 8-bit
YCbCr
4:4:4
3
× 8-bit
YCbCr
4:2:2
2
× 12-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com