Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC574 Datasheet(PDF) 4 Page - Texas Instruments

Part # AC574
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AC574 Datasheet(HTML) 4 Page - Texas Instruments

  AC574 Datasheet HTML 1Page - Texas Instruments AC574 Datasheet HTML 2Page - Texas Instruments AC574 Datasheet HTML 3Page - Texas Instruments AC574 Datasheet HTML 4Page - Texas Instruments AC574 Datasheet HTML 5Page - Texas Instruments AC574 Datasheet HTML 6Page - Texas Instruments AC574 Datasheet HTML 7Page - Texas Instruments AC574 Datasheet HTML 8Page - Texas Instruments AC574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54AC574, SN74AC574
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS541E − OCTOBER 1995 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC574
SN74AC574
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
75
55
60
MHz
tw
Pulse duration, CLK high or low
6
7.5
7
ns
tsu
Setup time, data before CLK
↑
2.5
6.5
3
ns
th
Hold time, data after CLK
↑
1.5
2.5
1.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC574
SN74AC574
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
95
85
85
MHz
tw
Pulse duration, CLK high or low
4
5
5
ns
tsu
Setup time, data before CLK
↑
1.5
3.5
2
ns
th
Hold time, data after CLK
↑
1.5
2.5
1.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
TO
TO
TA = 25°C
SN54AC574
SN74AC574
UNIT
PARAMETER
TO
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
75
112
55
60
MHz
tPLH
CLK
Q
3.5
8.5
13.5
1
16.5
3.5
15
ns
tPHL
CLK
Q
3.5
7.5
12
1
15
3.5
13.5
ns
tPZH
OE
Q
2.5
7
11
1
13
2.5
12
ns
tPZL
OE
Q
3
6.5
10.5
1
12.5
3
11.5
ns
tPHZ
OE
Q
3.5
7.5
12
1
14
2.5
13
ns
tPLZ
OE
Q
2
5.5
9
1
10.5
1.5
10
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
TO
TO
TA = 25°C
SN54AC574
SN74AC574
UNIT
PARAMETER
TO
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
95
153
85
85
MHz
tPLH
CLK
Q
2
6
9.5
1.5
11.5
2
11
ns
tPHL
CLK
Q
2
5.5
8.5
1.5
10.5
2
9.5
ns
tPZH
OE
Q
2
5
8.5
1.5
9.5
2
9
ns
tPZL
OE
Q
2
5
8
1.5
9.5
1.5
9
ns
tPHZ
OE
Q
2
6
9.5
1.5
11.5
1.5
10.5
ns
tPLZ
OE
Q
1
4.5
7.5
1.5
9
1
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com