Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC74 Datasheet(PDF) 5 Page - Texas Instruments

Part # AC74
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AC74 Datasheet(HTML) 5 Page - Texas Instruments

  AC74 Datasheet HTML 1Page - Texas Instruments AC74 Datasheet HTML 2Page - Texas Instruments AC74 Datasheet HTML 3Page - Texas Instruments AC74 Datasheet HTML 4Page - Texas Instruments AC74 Datasheet HTML 5Page - Texas Instruments AC74 Datasheet HTML 6Page - Texas Instruments AC74 Datasheet HTML 7Page - Texas Instruments AC74 Datasheet HTML 8Page - Texas Instruments AC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54AC74, SN74AC74
DUAL POSITIVEEDGETRIGGERED DTYPE FLIPFLOPS
WITH CLEAR AND PRESET
SCAS521F − AUGUST 1995 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range,
VCC = 5 V"0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC74
SN74AC74
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
140
95
125
MHz
tw
Pulse duration
PRE or CLR low
4.5
5.5
5
ns
tw
Pulse duration
CLK
4.5
5.5
5
ns
tsu
Setup time, data before CLK
↑
Data
3
4
3
ns
tsu
Setup time, data before CLK
↑
PRE or CLR inactive
0
0.5
0
ns
th
Hold time, data after CLK
↑
0.5
0.5
0.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V " 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC74
SN74AC74
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
125
70
95
MHz
tPLH
PRE or CLR
Q or Q
3.5
8
12
1
13
2.5
13
ns
tPHL
PRE or CLR
Q or Q
4
10.5
12
1
14
3.5
13.5
ns
tPLH
CLK
Q or Q
4.5
8
13.5
1
17.5
4
16
ns
tPHL
CLK
Q or Q
3.5
8
14
1
13.5
3.5
14.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V " 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC74
SN74AC74
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
140
160
95
125
MHz
tPLH
PRE or CLR
Q or Q
2.5
6
9
1
9.5
2
10
ns
tPHL
PRE or CLR
Q or Q
3
8
9.5
1
10.5
2.5
10.5
ns
tPLH
CLK
Q or Q
3.5
6
10
1
12
3
10.5
ns
tPHL
CLK
Q or Q
2.5
6
10
1
10
2.5
10.5
ns
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
45
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com