Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE-R11X Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R11X
Description  High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R11X Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R11X Datasheet HTML 1Page - Mini-Circuits ADE-R11X Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
LM
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
10-2000
10-1000
7.5
0.10
8.5
9.8
62 45
40 23
30 20
60 45
42 30
33 22
10
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
1 dB COMP.: +1 dBm typ.
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
Page 1 of 2
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Level 7 (LO Power +7 dBm) 10 to 2000 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
2
IF
3
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADE-R11X+
ED-12872/5
WL/TD/QL
071224
A
BC
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
HJ
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 7.5 dB typ.
• excellent L-R isolation, 40 dB typ.
and L-I isolation, 42 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• cellular
• PCN
• VHF & UHF
• communication receivers & transmitters
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
ADE-R11X+
CASE STYLE: CD542
PRICE: $3.35 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
10.10
40.10
6.45
67.93
79.41
1.02
2.85
130.10
160.10
7.36
65.68
60.43
1.04
2.91
250.10
280.10
7.49
56.25
55.31
1.14
2.87
370.10
400.10
7.41
51.12
51.53
1.28
2.90
490.10
520.10
7.56
47.66
48.27
1.46
3.00
550.10
580.10
7.62
45.95
47.41
1.54
3.06
610.10
640.10
7.79
45.53
46.25
1.61
3.11
730.10
760.10
7.92
41.36
44.01
1.80
3.19
850.10
880.10
7.72
41.52
41.70
1.92
3.26
910.10
940.10
7.7
39.11
40.49
1.91
3.33
1090.10
1120.10
7.38
32.22
40.52
1.76
3.52
1150.10
1180.10
7.47
32.32
39.41
1.77
3.62
1270.10
1300.10
7.74
34.73
37.46
1.98
3.70
1390.10
1420.10
7.7
35.59
36.31
1.86
3.67
1510.10
1540.10
7.82
34.24
35.95
1.74
3.75
1630.10
1660.10
7.92
31.15
35.10
1.61
3.87
1750.10
1780.10
8.17
27.34
33.79
1.46
3.87
1870.10
1900.10
8.51
25.71
31.20
1.32
3.87
1990.10
2020.10
8.86
26.13
30.31
1.24
4.12
2070.10
2100.10
9.25
26.67
30.14
1.19
4.27


Similar Part No. - ADE-R11X

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R11XLH+ MINI-ADE-R11XLH+ Datasheet
303Kb / 2P
High Reliability Mixer
More results

Similar Description - ADE-R11X

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFM-4212 MINI-ZFM-4212 Datasheet
127Kb / 2P
Level 7 (LO Power 7 dBm) 2000 to 4200 MHz
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com