Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR30US48 Datasheet(PDF) 2 Page - XP Power Limited

Part # DNR30US48
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR30US48 Datasheet(HTML) 2 Page - XP Power Limited

  DNR30US48 Datasheet HTML 1Page - XP Power Limited DNR30US48 Datasheet HTML 2Page - XP Power Limited DNR30US48 Datasheet HTML 3Page - XP Power Limited DNR30US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DNR05-60
Models and Ratings
Output
Voltage
Output
Voltage Trim
Current
Typical
Efficiency
Model
Number
5 V
4.50-5.75 V
1.000 A
69%
DNR05US05(1,3)
12 V
10.80-13.80 V
0.420 A
72%
DNR05US12(1,3)
15 V
13.50-17.25 V
0.340 A
72%
DNR05US15(1,3)
24 V
21.60-28.80 V
0.210 A
72%
DNR05US24(1,3)
5 V
4.50-5.75 V
2.000 A
73%
DNR10US05(1,3)
12 V
10.80-13.80 V
0.840 A
75%
DNR10US12(1,3)
15 V
13.50-17.25 V
0.670 A
76%
DNR10US15(1,3)
24 V
21.60-28.80 V
0.420 A
76%
DNR10US24(1,3)
5 V
4.50-5.75 V
3.000 A
75%
DNR18US05(1,3)
12 V
10.80-13.80 V
1.500 A
77%
DNR18US12(1,3)
15 V
13.50-17.25 V
1.200 A
77%
DNR18US15(1,3)
24 V
21.60-28.80 V
0.750 A
77%
DNR18US24(1,3)
5 V
5.00-5.50 V
6.000 A
79%
DNR30US05(1)
12 V
12.00-14.00 V
2.500 A
84%
DNR30US12(1,3)
24 V
24.00-28.00 V
1.250 A
86%
DNR30US24(1,3)
48 V
48.00-55.00 V
0.625 A
86%
DNR30US48(1,3)
5 V
5.00-5.50 V
10.000 A
79%
DNR60US05(1)
12 V
12.00-14.00 V
5.000 A
86%
DNR60US12†(1)
24 V
24.00-28.00 V
2.500 A
89%
DNR60US24†(1,3)
48 V
48.00-55.00 V
1.250 A
89%
DNR60US48†(1,3)
Notes
1. Add suffix ‘-S’ for spring clamp option.
2. 30-60 W models are suitable for battery-charging applications.
3. Approved to UL1310.
Derating Curves
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
-10
0
10
2
20
40
60
80
100
0
DNR 05, 10, 18
DNR05
DNR18
DNR10
60
70
2
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
DNR 30, 60, 120, 240
D
DNR10
DNR5-18 Models
DNR30-60 Models
† Available from Farnell. See pages 204-206.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com