Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM100UT32 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECM100UT32
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM100UT32 Datasheet(HTML) 4 Page - XP Power Limited

  ECM100UT32 Datasheet HTML 1Page - XP Power Limited ECM100UT32 Datasheet HTML 2Page - XP Power Limited ECM100UT32 Datasheet HTML 3Page - XP Power Limited ECM100UT32 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
22-Oct-07
4X ø0.156 [3.96] mounting holes
ø0.312 [7.92] clearance top and bottom
SMD component height
1.20 (30.5)
0.14 [3.5]
4.50 (114.3)
2.50
(63.5)
2.25
(57.15)
4.25 (107.95)
J2
J1
1
12
1
2
V Adj.
Weight: approx.
0.4 lb (180g)
Cover dimensions are 4.98 x 3.01 x 1.54 (126.5 x 76.4 x 39.0)
ECM100
Models and Ratings
Output Connector J2
Pin
Single
Multi
1
+V1
+V1
2
+V1
+V1
3
+V1
+V1
4
+V1
+V1
5
V1 RTN
RTN
6
V1 RTN
RTN
7
V1 RTN
RTN
8
V1 RTN
RTN
9
NOT USED
+V2
10
NOT USED
+V2
11
NOT USED
±V3
12
NOT USED
-V4
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cable harnessess with 300 mm wire available. For single output models, order
part number ECM100S LOOM†. For multi-outputs, p/n ECM100DT LOOM†.
3. Mating connector kit available for single output models. Order part number
ECM100S CONKIT†.
4. Covers available. Order part number ECM100 COVER†^.
5. Available in a 3” x 5” footprint for OEM quantities. Contact sales for details.
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with Molex housing 43061-0003
and Molex series 5194 crimp terminals.
Optional ground (0.25 faston) tab available.
J2 mates with Molex housing 43061-0012 and
Molex series 5194 crimp terminals.
Derating Curves
20
10
30
40
50
60
70
80
0
60
100
Ambient Temp (°C)
0
80
20
40
A
D
C
A
B
C
D
B
US24-48
US12-18
US05
US03
20
10
30
40
50
60
70
80
0%
50%
100%
Ambient Temp (°C)
0
75%
25%
Note:
1. Derate by 10% if cover is fitted.
2. For multi output convection-
cooled operation above +50 ºC
derate linearly to 50% at +70 ºC.
All ECM100 models with 5 CFM
Notes
Multi Output Models
Single Output Models
1. To receive unit with cover fitted, add suffix ‘-C’ to model number.
2. Output 3 available with opposite polarity for OEM quantities.
3. ‘*’ denotes ECM100 models are class I only, contact sales for class II.
4. 48 VDC input version of 12 V single output model available in OEM quantities
(DCM10048S12).
† Available from Farnell. ^ Available from Newark. See pages 204-208.
Consult longform datasheet for installation information regarding optimum thermal ratings in convection-cooled applications.
Output Power
Output 1
Output 2
Output 3
Output 4
Model
Number
(1,3)
Convection
Cooled
Forced Air
5 CFM
Voltage
Current
Min/Max
Voltage
Current
Min/Max
Voltage
Current
Min/Max
Voltage
Current
Min/Max
80 W
100 W
+5.0 V
0.0 A/12.0 A
+12.0 V
0.0 A/3.0 A
ECM100UD21*
80 W
100 W
+5.0 V
0.0 A/12.0 A
+15.0 V
0.0 A/3.0 A
ECM100UD22*
75 W
100 W
+5.0 V
0.5 A/10.0 A
+12.0 V
0.0 A/3.0 A
-12.0 V
0.0 A/0.8 A
ECM100UT31*†^
80 W
100 W
+5.0 V
0.5 A/10.0 A
+24.0 V
0.0 A/2.0 A
-12.0 V
0.0 A/0.8 A
ECM100UT32*
80 W
100 W
+5.0 V
0.5 A/10.0 A
+15.0 V
0.0 A/3.0 A
-15.0 V
0.0 A/0.8 A
ECM100UT33*†^
65 W
100 W
+3.3 V
0.5 A/10.0 A
+5.0 V
0.0 A/5.0 A
+12.0 V
0.0 A/0.8 A
ECM100UT34*^
70 W
100 W
+5.0 V
0.5 A/10.0 A
+3.3 V
0.0 A/5.0 A
+12.0 V
0.0 A/0.8 A
ECM100UT35*
80 W
100 W
+5.0 V
0.5 A/10.0 A
+12.0 V
0.0 A/3.0 A
-5.0 V
0.0 A/0.8 A
ECM100UT36*
70 W
100 W
+5.0 V
0.5 A/10.0 A
+15.0 V
0.0 A/3.0 A
-5.0 V
0.0 A/0.8 A
ECM100UT37*
65 W
100 W
+5.0 V
0.5 A/10.0 A
+3.3 V
0.1 A/5.0 A
+12.0 V
0.0 A/0.8 A
-12.0 V
0.0 A/0.5 A
ECM100UQ41*†
60 W
100 W
+3.3 V
0.5 A/10.0 A
+5.0 V
0.1 A/5.0 A
+12.0 V
0.0 A/0.8 A
-12.0 V
0.0 A/0.5 A
ECM100UQ42*†^
80 W
100 W
+5.0 V
0.5 A/10.0 A
+24.0 V
0.1 A/2.0 A
+12.0 V
0.0 A/0.8 A
-12.0 V
0.0 A/0.5 A
ECM100UQ43*†^
80 W
100 W
+5.0 V
0.5 A/10.0 A
+24.0 V
0.1 A/2.0 A
+15.0 V
0.0 A/0.8 A
-15.0 V
0.0 A/0.5 A
ECM100UQ44*†
80 W
100 W
+5.0 V
0.5 A/10.0 A
+12.0 V
0.1 A/3.0 A
-12.0 V
0.0 A/0.8 A
-5.0 V
0.0 A/0.5 A
ECM100UQ45*^
80 W
100 W
+5.0 V
0.5 A/10.0 A
+15.0 V
0.1 A/3.0 A
-15.0 V
0.0 A/0.8 A
-5.0 V
0.0 A/0.5 A
ECM100UQ46*
Output
Voltage
Output Current
Model
Number
(1,3)
Minimum
Maximum
with 5 CFM Cooling
+3.3 V
0.0 A
15.0 A
20.0 A
ECM100US03*†^
+5.0 V
0.0 A
15.0 A
20.0 A
ECM100US05*†^
+7.0 V
0.0 A
11.4 A
14.3 A
ECM100US07*
+9.0 V
0.0 A
8.8 A
11.1 A
ECM100US09*†
+12.0 V
0.0 A
7.5 A
8.3 A
ECM100US12*†^
+15.0 V
0.0 A
6.0 A
6.6 A
ECM100US15*†^
+18.0 V
0.0 A
5.0 A
5.5 A
ECM100US18*
+24.0 V
0.0 A
4.1 A
4.1 A
ECM100US24*†^
+33.0 V
0.0 A
3.0 A
3.0 A
ECM100US33*
+48.0 V
0.0 A
2.1 A
2.1 A
ECM100US48*†^
All ECM100 single output models convection-cooled



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com