Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT86D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT86D
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT86D Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT86D Datasheet HTML 1Page - Texas Instruments SN74ACT86D Datasheet HTML 2Page - Texas Instruments SN74ACT86D Datasheet HTML 3Page - Texas Instruments SN74ACT86D Datasheet HTML 4Page - Texas Instruments SN74ACT86D Datasheet HTML 5Page - Texas Instruments SN74ACT86D Datasheet HTML 6Page - Texas Instruments SN74ACT86D Datasheet HTML 7Page - Texas Instruments SN74ACT86D Datasheet HTML 8Page - Texas Instruments SN74ACT86D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54ACT86, SN74ACT86
QUADRUPLE 2INPUT EXCLUSIVEOR GATES
SCAS534C − AUGUST 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 10 ns at 5 V
D Inputs Are TTL-Voltage Compatible
SN54ACT86 ... J OR W PACKAGE
SN74ACT86 ... D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54ACT86 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’ACT86 devices are quadruple 2-input exclusive-OR gates. The devices perform the Boolean functions
Y = A
 B or Y = AB + AB in positive logic.
A common application is as a true/complement element. If one of the inputs is low, the other input is reproduced
in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the
output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT86N
SN74ACT86N
SOIC − D
Tube
SN74ACT86D
ACT86
SOIC − D
Tape and reel
SN74ACT86DR
ACT86
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT86NSR
ACT86
−40 C to 85 C
SSOP − DB
Tape and reel
SN74ACT86DBR
AD86
TSSOP − PW
Tube
SN74ACT86PW
AD86
TSSOP − PW
Tape and reel
SN74ACT86PWR
AD86
CDIP − J
Tube
SNJ54ACT86J
SNJ54ACT86J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT86W
SNJ54ACT86W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT86FK
SNJ54ACT86FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74ACT86D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT86D TI1-SN74ACT86D Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74ACT86D TI2-SN74ACT86D Datasheet
2Mb / 38P
SNx4ACT86 Quadruple 2-Input Exclusive-OR Gates
REVISED APRIL 2025
SN74ACT86DBLE TI1-SN74ACT86DBLE Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74ACT86DBR TI1-SN74ACT86DBR Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74ACT86DBR TI2-SN74ACT86DBR Datasheet
2Mb / 38P
SNx4ACT86 Quadruple 2-Input Exclusive-OR Gates
REVISED APRIL 2025
More results

Similar Description - SN74ACT86D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 2
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com